Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CT29 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CT29
Description  Surface Tester PCE-CT 29
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT29 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CT29 Datasheet HTML 1Page - PCE Instruments. PCE-CT29 Datasheet HTML 2Page - PCE Instruments. PCE-CT29 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
 
 
Measurement on ferrous metal (Fe)
Measuring range
0 ... 2000 µm
Resolution
0.1 µm @ 0.0 ... 99.9 µm
 
1 µm @ 100 ... 2000 µm
Accuracy
±(2 % ±2 µm of Mw.)
Repeatability
±(1 % ±1 µm of Mw.)
Smallest radius of curvature 1.5 mm
Smallest measuring area
Ø7 mm
Smallest layer thickness
0.5 mm
 
 
Measurement on non-ferrous metal (NFe)
Measuring range
0 ... 2000 µm
Resolution
0.1 µm @ 0.0 ... 99.9 µm
 
1 µm @ 100 ... 2000 µm
Accuracy
±(2 % ±2 µm of Mw.)
Repeatability
±(1 % ±1 µm of Mw.)
Smallest radius of curvature 3 mm
Smallest measuring area
 Ø5 mm
Smallest layer thickness
0.3 mm
 
 
Temperature
 
Measuring range
0 ... 50 °C / 32 ... 122 °F
Resolution
0.1 °C / °F
Accuracy
±1.2 °C / ±2.2°F
 
 
Humidity
 
Measuring range
0 ... 100 % r. h.
Resolution
0.1 % r. h.
Accuracy
±3.2 % r. h. @ 20.0 ... 70.0 % r. h.
 
±4.0 % r. h. @ 0.0 ... 19.9 % r. h.
 
±4.0 % r. h. @ 70.1 ... 100.0 % r. h.
 
 
More information
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com