Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3596G-XX-TQ5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P3596G-XX-TQ5-R
Description  150KHZ, 3A PWM STEP-DOWN DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3596G-XX-TQ5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  P3596G-XX-TQ5-R Datasheet HTML 1Page - Unisonic Technologies P3596G-XX-TQ5-R Datasheet HTML 2Page - Unisonic Technologies P3596G-XX-TQ5-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P3596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R103-023.I
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220-5
TO-220B
TO-263-5
25:2.5V
33:3.3V
50:5.0V
12:12V
AD:ADJ
PIN DESCRIPTION
BLOCK DIAGRAM
PIN NO.
PIN NAME
DESCRIPTION
1
VIN
Operating voltage input
2
Output
Switching output
3
GND
Circuit Ground
4
FB (Feedback)
Output voltage feedback control
5
SD (Shutdown)
ON/OFF shutdown



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com