Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI15-K30-RZ3 Datasheet(PDF) 1 Page - Turck, Inc.

Part # SI15-K30-RZ3
Description  Inductive Sensor – Slot-type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

SI15-K30-RZ3 Datasheet(HTML) 1 Page - Turck, Inc.

  SI15-K30-RZ3 Datasheet HTML 1Page - Turck, Inc. SI15-K30-RZ3 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
SI15-K30-RZ3
Inductive Sensor – Slot-type
Technical data
Type
SI15-K30-RZ3
ID
13169
General data
 
Slot width
15 mm
Repeat accuracy
≤ 2 % of full scale
Temperature drift
≤ ±10 %
Hysteresis
3…15  %
Electrical data
 
Operating voltage
20…250 VAC
Operating voltage
10…300  VDC
AC rated operational current
≤ 400 mA
DC rated operational current
≤ 300 mA
Frequency
≥ 50…≤ 60  Hz
Residual current
≤ 1.7 mA
Isolation test voltage
≤ 1.5 kV
Surge current
≤ 8 A (≤ 10 ms max. 5 Hz)
Voltage drop at I
e
≤ 6 V
Output function
2-wire, NC contact, 2-wire
Smallest operating current
≥ 3 mA
Switching frequency
0.02 kHz
Mechanical data
 
Design
Slot sensor, K30
Dimensions
48 x 60 x 30  mm
Housing material
Plastic, PBT-GF30-V0
Features
■Slot sensor, height 30 mm
■Plastic, PBT‐GF30‐V0
■AC 2-wire, 20…250 VAC
■DC 2-wire, 10…300 VDC
■NC contact
■Cable connection
Wiring diagram
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this purpose
they use a high-frequency electromagnetic AC
field that interacts with the target. The sensors
hosting a ferrite core coil generate the AC field
through an LC resonant circuit.


Similar Part No. - SI15-K30-RZ3

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
SI15-K30-AN6X TURCK-SI15-K30-AN6X Datasheet
194Kb / 2P
Inductive Sensor – Slot-type
11/07/2023
SI15-K30-AP6X-H1141 TURCK-SI15-K30-AP6X-H1141 Datasheet
208Kb / 2P
Inductive Sensor – Slot-type
11/07/2023
SI15-K30-AZ3 TURCK-SI15-K30-AZ3 Datasheet
209Kb / 2P
Inductive Sensor – Slot-type
11/07/2023
SI15-K30-VP6 TURCK-SI15-K30-VP6 Datasheet
194Kb / 2P
Inductive Sensor – Slot-type
11/07/2023
SI15-K30-Y1X TURCK-SI15-K30-Y1X Datasheet
199Kb / 3P
Inductive Sensor – Slot-type
11/07/2023
More results

Similar Description - SI15-K30-RZ3

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
SC2-N0-GN PF-SC2-N0-GN Datasheet
247Kb / 4P
Inductive slot sensor
SJ2-SN PF-SJ2-SN Datasheet
307Kb / 5P
Inductive slot sensor
SJ10-N PF-SJ10-N Datasheet
309Kb / 5P
Inductive slot sensor
SJ15-E PF-SJ15-E Datasheet
101Kb / 1P
Inductive slot sensor
SJ2-N-Y34361 PF-SJ2-N-Y34361 Datasheet
236Kb / 4P
Inductive slot sensor
SJ2-N-Y43896 PF-SJ2-N-Y43896 Datasheet
201Kb / 3P
Inductive slot sensor
SJ15-A-5M PF-SJ15-A-5M Datasheet
147Kb / 1P
Inductive slot sensor
SJ15-E2-Y05780 PF-SJ15-E2-Y05780 Datasheet
100Kb / 1P
Inductive slot sensor
SJ30-A0-V1 PF-SJ30-A0-V1 Datasheet
140Kb / 1P
Inductive slot sensor
SB2-Z0GELB PF-SB2-Z0GELB Datasheet
99Kb / 1P
Inductive slot sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com