Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5042 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD5042
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5042 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD5042 Datasheet HTML 1Page - NXP Semiconductors PCD5042 Datasheet HTML 2Page - NXP Semiconductors PCD5042 Datasheet HTML 3Page - NXP Semiconductors PCD5042 Datasheet HTML 4Page - NXP Semiconductors PCD5042 Datasheet HTML 5Page - NXP Semiconductors PCD5042 Datasheet HTML 6Page - NXP Semiconductors PCD5042 Datasheet HTML 7Page - NXP Semiconductors PCD5042 Datasheet HTML 8Page - NXP Semiconductors PCD5042 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1996 Oct 31
4
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5042
4
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MBH741
RF INTERFACE
PROGRAMMABLE
COMMUNICATION
CONTROLLER (PCC)
DATA MEMORY
2 kbyte RAM
TIMING, CONTROL,
CLOCK
GENERATION
PCC
PROGRAM MEMORY
4 kbyte ROM
MICROCONTROLLER
INTERFACE
SPEECH
INTERFACE
internal
bus
PCD5042
DECT
BURST MODE
CONTROLLER
to CODEC/
Highway
3-wire synthesizer
interface
Rx/Tx data
8051/68000
interface
5
PINNING (see Figs 2 and 3)
SYMBOL
PIN
TYPE(2)
DESCRIPTION
QFP64
LQFP80(1)
AD0 to AD7
1 to 8
80, 1, and
3to 7
I/O
address/Data bus
ALE
9
9
I
address latch enable
CS
10
11
I
chip select (active LOW)
A8 to A10
13 to 11
14 to 12
I
address bus
VDD1
14
15
P
positive supply 1
PROC_CLK
15
16
O
microcontroller clock; programmable from fCLK/64 to fCLK,
where fCLK is the crystal oscillator frequency
VSS1
16
17
P
negative supply 1
XTAL1
17
20
I
crystal oscillator input
XTAL2
18
21
O
crystal oscillator output
VSS2
19
22
P
negative supply
RESET_OUT
20
23
O
watchdog timer output; intended to reset the external
microcontroller when expired
RD
21
24
I
read (active LOW)
WR
22
25
I
write (active LOW)
RDY
23
26
O
ready signal (active LOW), to initiate wait states in the
microcontroller (open drain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com