Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP133-SN Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP133-SN
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP133-SN Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP133-SN Datasheet HTML 6Page - Diodes Incorporated AP133-SN Datasheet HTML 7Page - Diodes Incorporated AP133-SN Datasheet HTML 8Page - Diodes Incorporated AP133-SN Datasheet HTML 9Page - Diodes Incorporated AP133-SN Datasheet HTML 10Page - Diodes Incorporated AP133-SN Datasheet HTML 11Page - Diodes Incorporated AP133-SN Datasheet HTML 12Page - Diodes Incorporated AP133-SN Datasheet HTML 13Page - Diodes Incorporated AP133-SN Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP133
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
13 of 14
MAY 2007
www.diodes.com
© Diodes Incorporated
Package Information
(All Dimensions in mm)
(1) Package Type: SOT25
(2) Package Type: DFN2020-6 (Preview)
0.05 M C A B
B
Bottom View
A
C
0.15 C
2x-
0.08 C
0.05 C
Seating plane
1.45/1.65
1.95/2.075
0.2/0.3
0.65nom.
Pin#1 ID
R0
.1
Marking
(Active area depth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com