Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5135 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT83C5135
Description  8-bit Microcontroller with Full Speed USB Device
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5135 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT83C5135 Datasheet HTML 1Page - ATMEL Corporation AT83C5135 Datasheet HTML 2Page - ATMEL Corporation AT83C5135 Datasheet HTML 3Page - ATMEL Corporation AT83C5135 Datasheet HTML 4Page - ATMEL Corporation AT83C5135 Datasheet HTML 5Page - ATMEL Corporation AT83C5135 Datasheet HTML 6Page - ATMEL Corporation AT83C5135 Datasheet HTML 7Page - ATMEL Corporation AT83C5135 Datasheet HTML 8Page - ATMEL Corporation AT83C5135 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 171 page
background image
2
AT83C5134/35/36
7683B–USB–03/07
Description
AT83C5134/35/36 are high performance ROM versions of the 80C51 single-chip 8-bit
microcontrollers with full speed USB functions.
AT83C5134/35 is pin compatible with AT89C5130A 16-Kbytes In-System Programma-
ble Flash microcontrollers. This allows to use AT89C5130A for development, pre-
production and flexibility, while using AT83C5134/35 for cost reduction in mass produc-
tion. Similarly AT83C5136 is pin compatible with AT89C5131A 32-Kbytes Flash
microcontroller.
AT83C5134/35/36 features a full-speed USB module compatible with the USB specifi-
cations Version 2.0. This module integrates the USB transceivers and the Serial
Interface Engine (SIE) with Digital Phase Locked Loop and 48 MHz clock recovery. USB
Event detection logic (Reset and Suspend/Resume) and FIFO buffers supporting the
mandatory control Endpoint (EP0) and 5 versatile Endpoints (EP1/EP2/EP3/EP4/EP5)
with minimum software overhead are also part of the USB module.
AT83C5134/35/36 retains the features of the Atmel 80C52 with extended ROM cpacity
(8/16/32 Kbytes), 256 bytes of internal RAM, a 4-level interrupt system, two 16-bit
timer/counters (T0/T1), a full duplex enhanced UART (EUART) and an on-chip
oscillator.
In addition, AT83C5134/35/36 has an on-chip expanded RAM of 1024 bytes (ERAM), a
dual- data pointer, a 16-bit up/down Timer (T2), a Programmable Counter Array (PCA),
up to 4 programmable LED current sources, a programmable hardware watchdog and a
power-on reset.
AT83C5134/35/36 has two software-selectable modes of reduced activity for further
reduction in power consumption. In the idle mode the CPU is frozen while the timers, the
serial ports and the interrupt system are still operating. In the power-down mode the
RAM is saved, the peripheral clock is frozen, but the device has full wake-up capability
through USB events or external interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com