Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5043 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD5043
Description  DECT burst mode controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5043 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD5043 Datasheet HTML 14Page - NXP Semiconductors PCD5043 Datasheet HTML 15Page - NXP Semiconductors PCD5043 Datasheet HTML 16Page - NXP Semiconductors PCD5043 Datasheet HTML 17Page - NXP Semiconductors PCD5043 Datasheet HTML 18Page - NXP Semiconductors PCD5043 Datasheet HTML 19Page - NXP Semiconductors PCD5043 Datasheet HTML 20Page - NXP Semiconductors PCD5043 Datasheet HTML 21Page - NXP Semiconductors PCD5043 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1996 Oct 31
18
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5043
9
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cE(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.36
0.10
2.87
2.57
0.25
0.50
0.35
0.25
0.13
14.1
13.9
1
18.2
17.6
1.43
1.23
1.2
0.8
7
0
o
o
0.2
0.1
0.2
1.95
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.6
SOT319-1
92-11-17
95-02-04
D(1)
(1)
(1)
20.1
19.9
H D
24.2
23.6
E
Z
1.2
0.8
D
bp
e
θ
E
A1
A
L p
Q
detail X
L
(A )
3
B
19
y
c
D
H
b p
E
H
A2
v M B
D
Z D
A
Z E
e
v M A
w M
1
64
52
51
33
32
20
X
w M
0
5
10 mm
scale
pin 1 index
64 leads (lead length 1.95 mm); body 14 x 20 x 2.7 mm; high stand-off height
QFP64: plastic quad flat package;
SOT319-1
A
max.
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com