Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA5097 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA5097
Description  DECT baseband controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5097 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA5097 Datasheet HTML 1Page - NXP Semiconductors PCA5097 Datasheet HTML 2Page - NXP Semiconductors PCA5097 Datasheet HTML 3Page - NXP Semiconductors PCA5097 Datasheet HTML 4Page - NXP Semiconductors PCA5097 Datasheet HTML 5Page - NXP Semiconductors PCA5097 Datasheet HTML 6Page - NXP Semiconductors PCA5097 Datasheet HTML 7Page - NXP Semiconductors PCA5097 Datasheet HTML 8Page - NXP Semiconductors PCA5097 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 Oct 17
2
Philips Semiconductors
Objective specification
DECT baseband controllers
PCD5090; PCA5097
INTRODUCTION
This data sheet details the specific features of the:
PCD5090/xxx; DSP-ROM, with external ROM
PCA5097/xxx; DSP-ROM, with Field Electronically
Erasable Programmable Read Only Memory
(FEEPROM).
FEATURES
General
• The PCx509x is designed for GAP-compliant handsets
and simple base stations
• Embedded 80C51 microcontroller with twice the
performance of the classic architecture, up to
128 kbytes external memory or 64 kbytes FEEPROM
program memory and 3 kbytes of data memory on chip.
In addition there is 1 kbyte of on-chip data memory that
is shared with on-chip Burst Mode Logic (BML) and
DSP, the System Data RAM (SDR).
• 80C51 ports P0, P1, P2 and P3 available for interfacing
to display, keyboard, I2C-bus, interrupt sources and/or
external memory. External program memory is
addressable up to 128 kbytes (PCD5090/xxx and
PCA5097/xxx).
• Portable Part (PP) and Fixed Part (FP) modes
• TDMA frame (de)multiplexing; transmission or reception
can be programmed for any slot
• Ciphering, scrambling, CRC checking/generation,
protected B-fields
• Speech and data buffering space for six handsets
• Local call and B-field loop-back
• Two interrupt lines for BML and DSP to interrupt 80C51
• On-chip, three-channel time-multiplexed 8-bit
Analog-to-Digital Converter (ADC) for RSSI
measurement and battery voltage measurement. One
channel available for other purposes.
• On-chip 8-bit DAC for frequency adjustment of
13.824 MHz on-chip crystal oscillator
• Phase error measurement and phase error correction by
hardware
• Digital-to-Analog Converters (DACs) and ADCs for
dynamic earpiece and dynamic or electret microphone
• On-chip reference voltage
• On-chip supply for electret microphone
• Very low ohmic buzzer output
• Serial interface to external ADPCM CODEC (PCD5032)
• IOM-2interface (Siemens registered trademark)
• Serial interface to synthesizer for frequency
programming
• Programmable timing of radio-control signals
• Programmable polarity of radio-control signals
• Easy interfacing with radio circuits, operating at other
supply voltage
• Programmable GMSK pulse shaper
• On-chip comparator for use as bit-slicer
• Power-on reset
• Low supply voltage (2.7 to 5.5 V)
• SACMOS technology.
DSP software features
• ADPCM encoding and decoding complying with G.721
• Speech filters
• Programmable gain in speech paths
• Side tone and soft mute
• Ringer and tone (DTMF) generator
• Dial tone detection
• Echo cancellation
• Automatic gain control
• Telephone Answering Machine (TAM) switch
• Conference call (PCD5090/400)
• Hands-free operation (PCD5090/311).
For each DSP software version a separate manual is
available, in which detailed information is provided on how
parameters must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com