Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY6288DFAC Datasheet(PDF) 14 Page - Silergy Corp.

Part # SY6288DFAC
Description  Low Loss Power Distribution Switch Preliminary Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.

SY6288DFAC Datasheet(HTML) 14 Page - Silergy Corp.

Back Button SY6288DFAC Datasheet HTML 6Page - Silergy Corp. SY6288DFAC Datasheet HTML 7Page - Silergy Corp. SY6288DFAC Datasheet HTML 8Page - Silergy Corp. SY6288DFAC Datasheet HTML 9Page - Silergy Corp. SY6288DFAC Datasheet HTML 10Page - Silergy Corp. SY6288DFAC Datasheet HTML 11Page - Silergy Corp. SY6288DFAC Datasheet HTML 12Page - Silergy Corp. SY6288DFAC Datasheet HTML 13Page - Silergy Corp. SY6288DFAC Datasheet HTML 14Page - Silergy Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
AN_SY6288
AN_SY6288 Rev. 0.58
Silergy Corp. Confidential-prepared for Customer Use Only
14
2. Carrier Tape & Reel specification for packages
Package
types
Tape width
(mm)
Pocket
pitch(mm)
Reel size
(Inch)
Reel
width(mm)
Trailer
length(mm)
Leader length
(mm)
Qty per
reel
SOT23-5
8
4
7"
8.4
280
160
3000
SOP8
12
8
13"
12.4
400
400
2500
MSOP8
12
8
13"
12.4
400
400
3000
3. Others: NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com