Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLM Datasheet(PDF) 1 Page - Lapp.

Part # SLM
Description  SKINTOP® SLM/SLRM Strain relief with metric thread
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

SLM Datasheet(HTML) 1 Page - Lapp.

  SLM Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
for current information see: www.lappusa.com • www.lappcanada.com
499
SKINTOP®
Strain relief cable glands
Application advantage
Approvals
If not otherwise specified, all values relating to the product are nominal values.
Photographs are not to scale and are not true representations of the products in question.
rev. 2 | 9.18.2018
Technical data
Material:
- body:
polyamide
- bushing:
CR
Color:
black (RAL 9005), UV resistant
gray (RAL 7001)
Locknuts:
included
Temperature range:
- static:
-40°C to +100°C
- dynamic:
-20°C to +100°C
Protection:
70 PSI
- seal:
IP68, 5 bar
IP69
NEMA 1, 12
• The heavy duty SKINTOP® design provides great pullout
strength and very reliable strain relief
• Superior integrated locking mechanism includes an internal
ratchet for vibration-proof protection
• Multi-trapezoidal thread requires just one twist to tighten
• Generous high-quality neoprene bushing provides a liquid-
tight and dust-proof hermetic seal
SKINTOP® SLM/SLRM is a durable, liquid-tight, easy-to-assemble strain relief
cable gland with metric thread that is universally suited for all types
of machinery & equipment, including automation, motion control, process
control, and robotics. SKINTOP® SLRM includes reducer bushing.
Non-metallic cable glands
SKINTOP® SLM/SLRM
Strain relief with metric thread
Part number
with locknut
Part number
without locknut*
Thread
UL
status
Clamping range (øF)
Wrenching
flats
(SW)
Overall
length
(C)
Thread
length
(D)
Pack
size
black
gray
black
gray
in
mm
in
in
in
Standard
S2507
S1507
53111200
53111000
M12 x 1.5
Recognized
0.138 - 0.276
3.5 - 7
0.591
1.181
0.315
100
S2509
S1509
53111210
53111010
M16 x 1.5**
Recognized
0.157 - 0.394
4 - 10
0.748
1.339
0.315
100
S2513
S1513
53111220
53111020
M20 x 1.5**
Listed
0.236 - 0.512
6 - 13
0.984
1.457
0.354
100
S2516
S1516
53111230
53111030
M25 x 1.5**
Listed
0.315 - 0.669
8 - 17
1.181
1.575
0.394
50
S2521
S1521
53111240
53111040
M32 x 1.5
Listed
0.354 - 0.827
9 - 21
1.417
1.850
0.394
25
S2529
S1529
53111250
53111050
M40 x 1.5
Listed
0.630 - 1.102
16 - 28
1.811
2.047
0.394
10
S2536
S1536
53111260
53111060
M50 x 1.5
Listed
1.063 - 1.339
27 - 34
2.165
2.441
0.472
5
S2542
S1542
53111270
53111070
M63 x 1.5
Listed
1.339 - 1.772
34 - 45
2.598
2.795
0.472
5
Reducer bushing
S2607
S1607
53111300
53111100
M12 x 1.5
Recognized
0.079 - 0.197
2 - 5
0.591
1.181
0.315
100
S2609
S1609
53111310
53111110
M16 x 1.5**
Recognized
0.138 - 0.276
3.5 - 7
0.748
1.339
0.315
100
S2613
S1613
53111320
53111120
M20 x 1.5**
Listed
0.157 - 0.394
4 - 10
0.984
1.457
0.354
100
S2616
S1616
53111330
53111130
M25 x 1.5**
Listed
0.197 - 0.512
5 - 13
1.181
1.575
0.394
50
S2621
S1621
53111340
53111140
M32 x 1.5
Listed
0.236 - 0.591
6 - 15
1.417
1.850
0.394
25
S2629
S1629
53111350
53111150
M40 x 1.5
Listed
0.354 - 0.906
9 - 23
1.811
2.047
0.394
10
S2636
S1636
53111360
53111160
M50 x 1.5
Listed
0.945 - 1.142
24 - 29
2.165
2.441
0.472
5
S2642
S1642
53111370
53111170
M63 x 1.5
Listed
1.102 - 1.535
28 - 39
2.598
2.795
0.472
5
* The use of a locknut is required per UL if the end-use application consists of inserting the cable gland through a non-threaded hole
** Metric sizes M16, M20, and M25 also available in an extended thread version. To maintain UL rating, please use a locknut
Orders of 2000 pieces or more per item will be bulk packaged unless otherwise requested
UNCONTROLLED COPY


Similar Part No. - SLM

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
35A switching capability
logo
Banner Engineering Corp...
SLM BANNER-SLM Datasheet
543Kb / 6P
SLM Series Slot Sensors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
Automatic Timing & Cont...
SLM ATC-SLM Datasheet
354Kb / 1P
Microprocessor Based 3-Phase Monitor
logo
JST Mfg. Co., Ltd.
SLM-01T-2.0 JST-SLM-01T-2.0 Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results

Similar Description - SLM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507-062 GLENAIR-507-062 Datasheet
78Kb / 1P
EMI/RFI Backshell With Lamp Thread Type Split Strain-Relief
logo
List of Unclassifed Man...
S2138 ETC2-S2138 Datasheet
450Kb / 1P
SKINTOP® SLN/SLRN Strain relief with NPT thread
2018
logo
Heyco.
1063 HEYCO-1063 Datasheet
172Kb / 1P
Heyco® Liquid Tight Strain Relief Bushings
logo
Lapp.
52025235 LAPP-52025235 Datasheet
103Kb / 1P
SKINTOP® SD
03.07.2018
52220000 LAPP-52220000 Datasheet
276Kb / 3P
SKINTOP® CUBE
03.07.2018
52220065 LAPP-52220065 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
53800640 LAPP-53800640 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com