Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5515 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # E5515
Description  The ams OSRAM OSIRE KRTB AELPS1.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

E5515 Datasheet(HTML) 2 Page - OSRAM GmbH

  E5515 Datasheet HTML 1Page - OSRAM GmbH E5515 Datasheet HTML 2Page - OSRAM GmbH E5515 Datasheet HTML 3Page - OSRAM GmbH E5515 Datasheet HTML 4Page - OSRAM GmbH E5515 Datasheet HTML 5Page - OSRAM GmbH E5515 Datasheet HTML 6Page - OSRAM GmbH E5515 Datasheet HTML 7Page - OSRAM GmbH E5515 Datasheet HTML 8Page - OSRAM GmbH E5515 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
KRTB AELPS1.32
DATASHEET
DATASHEET
2 | Version 1.3 | 2022-09-21
OSIRE® E5515
KRTB AELPS1.32
The ams OSRAM OSIRE KRTB AELPS1.32 RGB sidelook-
er device is specifically designed for automotive interior ap-
plications. It offers individually addressable LED chips for a
maximum of flexibility in terms of color point, driver selection
and interconnection. Due to the low profile, the OSIRE KRTB
AELPS1.32 is ideally suited for coupling into thin lightguides
and enables ultra compact designs.
Applications
- Ambient Lighting
- Automotive Aftermarket
- Functional Illumination
Features
- Package: white SMT package, colorless clear silicone resin
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 625 nm (● red); λdom = 528 nm (● true green); λdom = 465 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com