Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2828 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # P2828
Description  This device is especially designed for full color video walls.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

P2828 Datasheet(HTML) 5 Page - OSRAM GmbH

  P2828 Datasheet HTML 1Page - OSRAM GmbH P2828 Datasheet HTML 2Page - OSRAM GmbH P2828 Datasheet HTML 3Page - OSRAM GmbH P2828 Datasheet HTML 4Page - OSRAM GmbH P2828 Datasheet HTML 5Page - OSRAM GmbH P2828 Datasheet HTML 6Page - OSRAM GmbH P2828 Datasheet HTML 7Page - OSRAM GmbH P2828 Datasheet HTML 8Page - OSRAM GmbH P2828 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
KRTB LFLM71.32
DATASHEET
DATASHEET
5 | Version 1.3 | 2022-05-31
Characteristics
IF = 15 mA (red chip); IF = 10 mA (true green and blue chip); TS = 25 °C
Parameter
Symbol
Values
Values
Values
● red
● true green
● blue
Peak Wavelength
λ
peak
typ.
630 nm
519 nm
468 nm
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
618 nm
621 nm
626 nm
521 nm
525 nm
527 nm
468 nm
472 nm
474 nm
Viewing angle at 50% I
V
values for 0°, 90°
2φ
typ.
typ.
110 °
110 °
110 °
110 °
110 °
110 °
Forward Voltage 4)
V
F
min.
typ.
max.
1.60 V
2.10 V
2.60 V
2.50 V
2.70 V
3.50 V
2.50 V
3.00 V
3.50 V
Reverse current 2)
V
R = 10 V
I
R
max.
typ.
1 µA
0.01 µA
1 µA
0.01 µA
1 µA
0.01 µA
Real thermal resistance junction/sol-
derpoint 5)
R
thJS real
typ.
max.
290 K / W
310 K / W
440 K / W
470 K / W
320 K / W
330 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com