Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2828 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # P2828
Description  This device is especially designed for full color video walls.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

P2828 Datasheet(HTML) 4 Page - OSRAM GmbH

  P2828 Datasheet HTML 1Page - OSRAM GmbH P2828 Datasheet HTML 2Page - OSRAM GmbH P2828 Datasheet HTML 3Page - OSRAM GmbH P2828 Datasheet HTML 4Page - OSRAM GmbH P2828 Datasheet HTML 5Page - OSRAM GmbH P2828 Datasheet HTML 6Page - OSRAM GmbH P2828 Datasheet HTML 7Page - OSRAM GmbH P2828 Datasheet HTML 8Page - OSRAM GmbH P2828 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
KRTB LFLP71.32
4 Version 1.1 | 2021-12-06
Characteristics
I
F = 15 mA (red chip); IF = 10 mA (true green and blue chip); TS = 25 °C
Parameter
Symbol
Values
Values
Values
● red
● true green
● blue
Peak Wavelength
λ
peak
typ.
629 nm
518 nm
467 nm
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
618 nm
622 nm
625 nm
524 nm
528 nm
532 nm
470 nm
472 nm
476 nm
Viewing angle at 50% I
V
2φ
typ.
110 °
110 °
110 °
Forward Voltage 4)
I
F = 15 mA (red chip); IF = 10 mA (true
green and blue chip); T
S = 25 °C
V
F
min.
typ.
max.
1.60 V
2.10 V
2.60 V
2.30 V
2.50 V
3.50 V
2.40 V
2.75 V
3.30 V
Reverse current 2)
V
R = 10 V
I
R
typ.
max.
0.01 µA
1 µA
0.01 µA
1 µA
0.01 µA
1 µA
Real thermal resistance junction/sol-
derpoint 5)
R
thJS real
typ.
max.
230 K / W
270 K / W
300 K / W
350 K / W
250 K / W
310 K / W
Remark Reverse Current:
This product is intended to be operated applying a forward current within the specified range. Applying any continuous reverse
bias or forward bias below the voltage range of light emission shall be avoided because it may cause migration which can
change the electro-optical characteristics or damage the LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com