Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEUWS2WN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEUWS2WN
Description  Outstanding brightness and luminance due to surface emission and low Rth
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWS2WN Datasheet(HTML) 1 Page - OSRAM GmbH

  LEUWS2WN Datasheet HTML 1Page - OSRAM GmbH LEUWS2WN Datasheet HTML 2Page - OSRAM GmbH LEUWS2WN Datasheet HTML 3Page - OSRAM GmbH LEUWS2WN Datasheet HTML 4Page - OSRAM GmbH LEUWS2WN Datasheet HTML 5Page - OSRAM GmbH LEUWS2WN Datasheet HTML 6Page - OSRAM GmbH LEUWS2WN Datasheet HTML 7Page - OSRAM GmbH LEUWS2WN Datasheet HTML 8Page - OSRAM GmbH LEUWS2WN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LE UW S2WN
1 Version 1.2 | 2020-06-03
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LE UW S2WN
OSRAM OSTAR® Stage
Outstanding brightness and luminance due to sur-
face emission and low Rth
—
Architecture
—
Area Lights
—
Downlights/Spotlights
—
Mood Lighting
—
Stage Lighting (LED & Laser)
Features:
—
Package: compact lightsource in multi chip SMT technology with glass window on top
—
Chip technology: UX:3
—
Typ. Radiation: 120°
—
Color: Cx = 0.31, Cy = 0.32 acc. to CIE 1931 (● ultra white)
—
Corrosion Robustness Class: 3B
Ordering Information
Type
Luminous Flux 1)
Ordering Code
I
F = 1000 mA
Φ
V
LE UW S2WN-RASA-CQ
1120 ... 2240 lm
Q65112A7619


Similar Part No. - LEUWS2WN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWS2W OSRAM-LEUWS2W Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
LEUWS2W-PXQX-4P7R OSRAM-LEUWS2W-PXQX-4P7R Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
logo
ams AG
LEUWS2WP AMSCO-LEUWS2WP Datasheet
1Mb / 21P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.3 2021-07-14
logo
OSRAM GmbH
LEUWS2WP OSRAM-LEUWS2WP Datasheet
1Mb / 21P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.4 2023-08-22
logo
ams AG
LEUWS2WP-RBSB-BQ AMSCO-LEUWS2WP-RBSB-BQ Datasheet
1Mb / 21P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.3 2021-07-14
More results

Similar Description - LEUWS2WN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Infineon Technologies A...
IPA65R190C6 INFINEON-IPA65R190C6 Datasheet
2Mb / 19P
Extremely low losses due to very low FOM Rdson*Qg and Eoss
Rev. 2.0, 2011-05-09
IPW65R041CFD INFINEON-IPW65R041CFD Datasheet
1Mb / 15P
extremely low losses due to very low fom rdson qg and eoss
2011-11-13 revision:2.0
logo
Lumileds Lighting Compa...
LMZ7-SW40 LUMILEDS-LMZ7-SW40 Datasheet
2Mb / 18P
Best combination of brightness, uniformity and luminance enabling precision light control
DS136 LUMILEDS-DS136 Datasheet
2Mb / 21P
Best combination of brightness, uniformity and luminance enabling precision light control
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
Best combination of brightness, uniformity and luminance enabling precision light control
logo
ams AG
LEUWS2WP AMSCO-LEUWS2WP Datasheet
1Mb / 21P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.3 2021-07-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com