Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEUWS2WN-RASA-CQ Datasheet(PDF) 15 Page - OSRAM GmbH

Part # LEUWS2WN-RASA-CQ
Description  Outstanding brightness and luminance due to surface emission and low Rth
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWS2WN-RASA-CQ Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button LEUWS2WN-RASA-CQ Datasheet HTML 11Page - OSRAM GmbH LEUWS2WN-RASA-CQ Datasheet HTML 12Page - OSRAM GmbH LEUWS2WN-RASA-CQ Datasheet HTML 13Page - OSRAM GmbH LEUWS2WN-RASA-CQ Datasheet HTML 14Page - OSRAM GmbH LEUWS2WN-RASA-CQ Datasheet HTML 15Page - OSRAM GmbH LEUWS2WN-RASA-CQ Datasheet HTML 16Page - OSRAM GmbH LEUWS2WN-RASA-CQ Datasheet HTML 17Page - OSRAM GmbH LEUWS2WN-RASA-CQ Datasheet HTML 18Page - OSRAM GmbH LEUWS2WN-RASA-CQ Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LE UW S2WN
15 Version 1.2 | 2020-06-03
Chip configuration
N:
standard power (1mm²)
P:
high power (2mm²)
Encapsulant Type / Lens Properties
W:
Window on top
Emission color:
UW:
ultra white
CWUW:
warm white / ultra white
RTDCY:
red / true green / deep blue /converted yellow
RTDUW:
red / true green / deep blue / ultra white
LE:
Light
Emitting
Diode
Package Type
S: OSTAR SMT
Lead / Package Properties
2:
2x2 chip configuration
Type Designation System
LE
RTDUW
S
2
W
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com