Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7018B Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH7018B
Description  The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7018B Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH7018B Datasheet HTML 1Page - OSRAM GmbH SFH7018B Datasheet HTML 2Page - OSRAM GmbH SFH7018B Datasheet HTML 3Page - OSRAM GmbH SFH7018B Datasheet HTML 4Page - OSRAM GmbH SFH7018B Datasheet HTML 5Page - OSRAM GmbH SFH7018B Datasheet HTML 6Page - OSRAM GmbH SFH7018B Datasheet HTML 7Page - OSRAM GmbH SFH7018B Datasheet HTML 8Page - OSRAM GmbH SFH7018B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SFH 7018B
DATASHEET
DATASHEET
3 | Version 1.0 | 2023-11-09
Ordering Information
Type
Brightness 1)2)
Ordering Code
SFH 7018B
Q65113A6158
● true green
● I
e = 7.50 ... 9.40 mW/sr (IF = 20 mA)
Q65113A6158
● hyper red
● I
e = 5.50 ... 7.30 mW/sr (IF = 20 mA)
Q65113A6158
● infrared (940 nm)
● I
e = 3.70 ... 5.10 mW/sr (IF = 20 mA)
Q65113A6158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com