Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935ATS12FSMP1FSMVESP Datasheet(PDF) 1 Page - PARKER HANNIFIN CORP

Part # 935ATS12FSMP1FSMVESP
Description  UHP Stainless Steel Diaphragm Valve Single & Duplex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARKER [PARKER HANNIFIN CORP]
Direct Link  https://www.parker.com/us/en/home.html
Logo PARKER - PARKER HANNIFIN CORP

935ATS12FSMP1FSMVESP Datasheet(HTML) 1 Page - PARKER HANNIFIN CORP

  935ATS12FSMP1FSMVESP Datasheet HTML 1Page - PARKER HANNIFIN CORP 935ATS12FSMP1FSMVESP Datasheet HTML 2Page - PARKER HANNIFIN CORP 935ATS12FSMP1FSMVESP Datasheet HTML 3Page - PARKER HANNIFIN CORP 935ATS12FSMP1FSMVESP Datasheet HTML 4Page - PARKER HANNIFIN CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Contact Information:
Parker Hannifin Corporation
Veriflo Division
250 Canal Blvd
Richmond, California 94804
phone 510 235 9590
fax 510 232 7396
veriflo.sales@parker.com
www.parker.com/veriflo
Mobile App: m.parker.com/veriflo
Value Proposition:
The 935A/T (horizontal cross)
1/2” valve, provides superior
control of gases and liquids
under high flow, low pressure
conditions where absolute purity
is essential. The 935A/T is a
“positive retraction” diaphragm
valve — an engineered feature
which has reduced the surface
area and entrapment potential
inherent in bellows valves.
There are no springs or retaining
clips in the gas stream. This pure
design yields a valve with neither
entrapment zones nor particle
generating surfaces.
UHP Stainless Steel Diaphragm Valve
Single & Duplex
935A & 935T Series
Product Features:
• 100% Helium leak tested
• Standard full internal
electroplish
• Minimal particle generation
and particle entrapment
areas
• Vericlean™, Veriflo’s low
sulfur high purity 316L
Stainless Steel enhances
electropolishing, welding,
and corrosion resistance
• Standard surface finish of 10
micro inch Ra
• Internally threadless and
springless
• Fully functional from vacuum
to 300 psig
• Tied diaphragm design for
positive retraction
• Serialized and heat code
traceable


Similar Part No. - 935ATS12FSMP1FSMVESP

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
Polypropylene Capacitors for High Frequency Filtering
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
METALLIZED POLYPROPYLENE CAPACITORS
logo
EAO AG.
935-.401-00 EAO-935-.401-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
935-.401-0P EAO-935-.401-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
935-.401-W0 EAO-935-.401-W0 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 935ATS12FSMP1FSMVESP

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
Needle valve assembly, stainless steel
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com