Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935ATS16FSMP1FSMVESP Datasheet(PDF) 2 Page - PARKER HANNIFIN CORP

Part # 935ATS16FSMP1FSMVESP
Description  UHP Stainless Steel Diaphragm Valve Single & Duplex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARKER [PARKER HANNIFIN CORP]
Direct Link  https://www.parker.com/us/en/home.html
Logo PARKER - PARKER HANNIFIN CORP

935ATS16FSMP1FSMVESP Datasheet(HTML) 2 Page - PARKER HANNIFIN CORP

  935ATS16FSMP1FSMVESP Datasheet HTML 1Page - PARKER HANNIFIN CORP 935ATS16FSMP1FSMVESP Datasheet HTML 2Page - PARKER HANNIFIN CORP 935ATS16FSMP1FSMVESP Datasheet HTML 3Page - PARKER HANNIFIN CORP 935ATS16FSMP1FSMVESP Datasheet HTML 4Page - PARKER HANNIFIN CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Safety Guide and Installation and Operating Instructions available at
www.parker.com/veriflo
935A & 935T Series
Dimensional Drawings
IN
IN
OUT
PURGE
1/4 FS
1.96
[49.7 mm]
7.50
[190.6 mm]
1.28
[32.5 mm]
.78
[19.8 mm]
3.98
[101.1 mm]
3.84
[97.5 mm]
1.44
[36.6 mm]
3.15
[80.0 mm]
1.00
[25.4 mm]
2X 10-32 UNF - 2B
1.00
(25.4)
1.50
(38.1)
4x 10-32 UNF-2B
3.36
(85.3)
1.16
(29.5)
.75
(19.0)
1.97
(50.0)
2.48
(63.0)
7.50
(190.5)
3.00
(76.2)
3.00
(76.2)
1.50
(38.1)
1/2 FSM
OUT
PURGE
IN
IN
1/4 FS
“A” BODY
“T” BODY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com