Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935ATS12FS8MP1FSMVESP Datasheet(PDF) 3 Page - PARKER HANNIFIN CORP

Part # 935ATS12FS8MP1FSMVESP
Description  UHP Stainless Steel Diaphragm Valve Single & Duplex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARKER [PARKER HANNIFIN CORP]
Direct Link  https://www.parker.com/us/en/home.html
Logo PARKER - PARKER HANNIFIN CORP

935ATS12FS8MP1FSMVESP Datasheet(HTML) 3 Page - PARKER HANNIFIN CORP

  935ATS12FS8MP1FSMVESP Datasheet HTML 1Page - PARKER HANNIFIN CORP 935ATS12FS8MP1FSMVESP Datasheet HTML 2Page - PARKER HANNIFIN CORP 935ATS12FS8MP1FSMVESP Datasheet HTML 3Page - PARKER HANNIFIN CORP 935ATS12FS8MP1FSMVESP Datasheet HTML 4Page - PARKER HANNIFIN CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Body Style
935A = “A” Body
935T = “T” Body
Inlet Connections
TS8
= 1/2” Tube
TS12 = 3/4” Tube
TS16 = 1” Tube
TS24 = 1-1/2” Tube
TS32 = 2” Tube
Outlet Connection
FS
= 1/4” Face Seal
FS8
= 1/2” Face Seal
TS
= 1/4” Tube
TS6
= 3/8” Tube
TS8
= 1/2” Tube
Face Seal Style
M = Male
F = Female
Purge Port Location
P1 = Outlet Side
Purge Port Connections
FSM= 1/4” Face Seal Male
Optional Features
This section can have multiple options
VESP = Vespel® Seat Recommended
for Nitrous Oxide (N2O) Service
C1
= Purge port capped and
leak tested per port
Recommended
C2
= Face Seal Outlet port
capped and leak tested
1
2
4
1
2
3
4
5
935T
TS8
FS8
M
P1
FSM
C1
935TTS8FS8MP1FSMVESP
935A & 935T Series
Ordering Information
Sample:
Finished Order:
3
6
7
6
7
0
50
100
150
200
250
300
0
500
1000
1500
2000
2500
delta p = 2.5 psi
delta p = 1 psi
delta p = 5 psi
Flow (slpm of N2)
935T Valve
5
Flow Curve
935A/T
Build a 935A or 935T Series valve by replacing the numbered symbols with an
option from the corresponding tables below.
Color Explanations:
For an explanation of Ordering options
please reference literature 25000275
at www.parker.com/veriflo
Black = Standard Lead Time Configurations
Blue = Extended Lead Time Configurations



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com