Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5094 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCD5094
Description  DECT baseband controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5094 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCD5094 Datasheet HTML 4Page - NXP Semiconductors PCD5094 Datasheet HTML 5Page - NXP Semiconductors PCD5094 Datasheet HTML 6Page - NXP Semiconductors PCD5094 Datasheet HTML 7Page - NXP Semiconductors PCD5094 Datasheet HTML 8Page - NXP Semiconductors PCD5094 Datasheet HTML 9Page - NXP Semiconductors PCD5094 Datasheet HTML 10Page - NXP Semiconductors PCD5094 Datasheet HTML 11Page - NXP Semiconductors PCD5094 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Jul 21
8
Philips Semiconductors
Objective specification
DECT baseband controller
PCD5094
P2.2
75
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
A16
76
O
L
ISP4DPES
address bit 16 for 128 kbytes external program memory
VDD5V_2
77
−−
supply
positive supply voltage 2 for the +5 V interface
VSS4
78
−−
supply
negative supply voltage 4
TST1
79
I
−
DIDP0PES
test input 1
TST2
80
I
−
DIDP0PES
test input 2
P2.3
81
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P2.4
82
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P2.5
83
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P2.6
84
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
P2.7
85
I/O
H
ISQ2CPES
bidirectional 80C51 port pin
PSE
86
O
H
ISQ2CPES
program store enable (80C51); active LOW
ALE
87
O
H
ISQ4CPES
address latch enable (80C51)
EA
88
I
−
ISF2DPES
external access enable (80C51); active LOW
VSS5
89
−−
supply
negative supply voltage 5
VDD5V_3
90
−−
supply
positive supply voltage 3 for the +5 V interface
P0.7
91
I/O
off
H
ISP2DPES
ISQ2CPES
bidirectional 80C51 port pin
(ISQ2CPES in PCD5090/xxx, PCA5097/xxx)
P0.6
92
I/O
off
H
ISP2DPES
ISQ2CPES
bidirectional 80C51 port pin
(ISQ2CPES in PCD5090/xxx, PCA5097/xxx)
P0.5
93
I/O
off
H
ISP2DPES
ISQ2CPES
bidirectional 80C51 port pin
(ISQ2CPES in PCD5090/xxx, PCA5097/xxx)
P0.4
94
I/O
off
H
ISP2DPES
ISQ2CPES
bidirectional 80C51 port pin
(ISQ2CPES in PCD5090/xxx, PCA5097/xxx)
P0.3
95
I/O
off
H
ISP2DPES
ISQ2CPES
bidirectional 80C51 port pin
(ISQ2CPES in PCD5090/xxx, PCA5097/xxx)
P0.2
96
I/O
off
H
ISP2DPES
ISQ2CPES
bidirectional 80C51 port pin
(ISQ2CPES in PCD5090/xxx, PCA5097/xxx)
P0.1
97
I/O
off
H
ISP2DPES
ISQ2CPES
bidirectional 80C51 port pin
(ISQ2CPES in PCD5090/xxx, PCA5097/xxx)
P0.0
98
I/O
off
H
ISP2DPES
ISQ2CPES
bidirectional 80C51 port pin
(ISQ2CPES in PCD5090/xxx, PCA5097/xxx)
M_RESET
99
I
−
DIDP0PES
master reset input (Schmitt trigger)
RESET_OUT
100
O
H
ISF2DPES
reset output
SYMBOL
PIN
I/O
STATE
AFTER
RESET
PIN TYPE
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com