Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400-GT/R7 Datasheet(PDF) 3 Page - Comchip Technology

Part # 1SS400-GT/R7
Description  Surface Mount High Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1SS400-GT/R7 Datasheet(HTML) 3 Page - Comchip Technology

  1SS400-GT/R7 Datasheet HTML 1Page - Comchip Technology 1SS400-GT/R7 Datasheet HTML 2Page - Comchip Technology 1SS400-GT/R7 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORMATION
1SS400-G T/R7 - 7" reel, 3K units per reel
1SS400-G T/R13 - 13" reel, 10K units per reel
PAD DIMENSIONS
COMCHIP TECHNOLOGY CORPORATION TEL: (510) 657-8671 FAX: (510) 6
57-8921 WWW.COMCHIPTECH.COM
1SS400-G (RoHS Device)
Surface Mount Switching Diode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com