Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5095 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD5095
Description  DECT baseband controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5095 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD5095 Datasheet HTML 2Page - NXP Semiconductors PCD5095 Datasheet HTML 3Page - NXP Semiconductors PCD5095 Datasheet HTML 4Page - NXP Semiconductors PCD5095 Datasheet HTML 5Page - NXP Semiconductors PCD5095 Datasheet HTML 6Page - NXP Semiconductors PCD5095 Datasheet HTML 7Page - NXP Semiconductors PCD5095 Datasheet HTML 8Page - NXP Semiconductors PCD5095 Datasheet HTML 9Page - NXP Semiconductors PCD5095 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Nov 19
6
Philips Semiconductors
Objective specification
DECT baseband controller
PCD5095
5.2
Pin description
Table 1
QFP100 package
SYMBOL
PIN
I/O
STATE
AFTER
RESET
PIN TYPE
PIN DESCRIPTION
ANT_SW1
1
O
H
ISP2DRF3
antenna switch 1 output
ANT_SW0
2
O
H
ISP2DRF3
antenna switch 0 output
CLK100
3
O
H
ISP2DPES
100 Hz signal related to DECT frame timing output
T_ENABLE
4
O
H
ISP2DRF3
enable transmitter output
T_PWR_RMP
5
O
L
ISP2DRF3
switch transmitter power output
T_DATA
6
O
off
ISF2DRF3
unmodulated transmitter data output
T_GMSK
7
O
L
ANAIOD1
GMSK modulated transmitter data output
VCO_BND_SW
8
O
L
ISP2DRF3
VCO band switch output
SYNTH_LOCK
9
I
−
DIPP0RF3
synthesizer lock input
S_ENABLE
10
O
L
ISP2DRF3
synthesizer enable output
S_DATA
11
O
L
ISP2DRF3
serial synthesizer data output
S_CLK
12
O
L
ISP2DRF3
clock for serial synthesizer interface output
S_PWR
13
O
H
ISP2DRF3
switch synthesizer power output
REF_CLK
14
O
running
ISP4DRF3
13.824 MHz reference clock for synthesizer output
VSS1
15
−−
supply
negative supply voltage 1
VDD_RF
16
−−
supply
positive supply voltage for RF interface level shifters
VDD3V_1
17
−−
supply
positive supply voltage 1 (+3 V)
SLICE_CTR
18
O
L
ISP2DRF3
switch slicer time constant output
R_PWR
19
O
H
ISP2DRF3
switch receiver power output
R_DATAP
20
I
−
ANAIOD2
positive input for receiver data
R_DATAM
21
I
−
ANAIOD2
negative input for receiver data
R_ENABLE
22
O
H
ISP2DRF3
enable receiver output
RSSI_AN
23
I
−
ANAIOD1
analog input for RSSI measurement
VANLI
24
I
−
ANAIOD1
analog input to ADC
VBAT
25
I
−
ANAIOD1
analog input for battery voltage measurement
CLK3
26
O
L
ISP2DPES
3.456 MHz clock output for external ADPCM codec
DCK
27
I/O
input
ISF2DPES
ISF2UPES
ADPCM output or IOM®-2 data clock input/output
(ISF2UPES in PCD5090/xxx, PCA5097/xxx)
DI
28
I
−
DIPP0PES
ADPCM or IOM®-2 data input
FS1
29
I/O
input
ISF2DPES
ISF2UPES
8 kHz framing input/output
(ISF2UPES in PCD5090/xxx, PCA5097/xxx)
DO
30
O
off
ISI8DPES
ADPCM or IOM®-2 data output
XTAL2
31
O
running
ANAIOD1
crystal oscillator output
XTAL1
32
I
−
ANAIOD1
crystal oscillator input
VANLO
33
O
1.0 V
ANAIOD1
analog output from DAC
VSSO
34
−−
supply
negative supply voltage for the oscillator
VDDO
35
−−
supply
positive supply voltage for the oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com