Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B34-01-1 Datasheet(PDF) 3 Page - Analog Devices

Part # 7B34-01-1
Description  Isolated, Linearized RTD Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B34-01-1 Datasheet(HTML) 3 Page - Analog Devices

  7B34-01-1 Datasheet HTML 1Page - Analog Devices 7B34-01-1 Datasheet HTML 2Page - Analog Devices 7B34-01-1 Datasheet HTML 3Page - Analog Devices 7B34-01-1 Datasheet HTML 4Page - Analog Devices 7B34-01-1 Datasheet HTML 5Page - Analog Devices 7B34-01-1 Datasheet HTML 6Page - Analog Devices 7B34-01-1 Datasheet HTML 7Page - Analog Devices 7B34-01-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7B34
Rev. 0 | Page 3 of 8
7B34 Models Available
Model
RTD Sensor(2- or 3-wire)
Input Range
Output
Range
Nonlinearity(maximum)
Accuracy
(maximum)
7B34-01-1
100
Ω Pt, α = 0.00385
-100°C to +100°C
+1 V to +5 V
±0.05% span
±0.15% span
7B34-01-2
100
Ω Pt, α = 0.00385
-100°C to +100°C
0 V to +10 V
±0.05% span
±0.15% span
7B34-02-1
100
Ω Pt, α = 0.00385
0°C to +100°C
+1 V to +5 V
±0.05% span
±0.2% span
7B34-02-2
100
Ω Pt, α = 0.00385
0°C to +100°C
0 V to +10 V
±0.05% span
±0.2% span
7B34-03-1
100
Ω Pt, α = 0.00385
0°C to +200°C
+1 V to +5 V
±0.05% span
±0.15% span
7B34-03-2
100
Ω Pt, α = 0.00385
0°C to +200°C
0 V to +10 V
±0.05% span
±0.15% span
7B34-04-1
100
Ω Pt, α = 0.00385
0°C to +600°C
+1 V to +5 V
±0.05% span
±0.1% span
7B34-04-2
100
Ω Pt, α = 0.00385
0°C to +600°C
0 V to +10 V
±0.05% span
±0.1% span
7B34-05-1
100
Ω Pt, α = 0.00385
-50°C to +350°C
+1 V to +5 V
±0.05% span
±0.1% span
7B34-05-2
100
Ω Pt, α = 0.00385
-50°C to +350°C
0 V to +10 V
±0.05% span
±0.1% span
7B34-N-01-1
120
Ω Ni, α = 0.00672
0°C to +300°C
+1 V to +5 V
±0.12% span
±0.3% span
7B34-N-01-2
120
Ω Ni, α = 0.00672
0°C to +300°C
0 V to +10 V
±0.12% span
±0.3% span
7B34-N-02-1
120
Ω Ni, α = 0.00672
0°C to +200°C
+1 V to +5 V
±0.14% span
±0.3% span
7B34-N-02-2
120
Ω Ni, α = 0.00672
0°C to +200°C
0 V to +10 V
±0.14% span
±0.3% span
7B34-C50-01-1
50
Ω Cu, α = 0.00214
-100°C to +100°C
+1 V to +5 V
±0.10% span
±0.15% span
7B34-C50-02-1
50
Ω Cu, α = 0.00214
0°C to +100°C
+1 V to +5 V
±0.02% span
±0.15% span
7B34-C50-06-1
50
Ω Cu, α = 0.00214
-50°C to +200°C
+1 V to +5 V
±0.08% span
±0.15% span
7B34 Specifications
(typical @ +23°C ±5 °C and Vs = +24 V dc)
Description
Model 7B34
Input Range1
RTD Types
100
Ω Platinum, 2-, 3-wire α = 0.00385
120
Ω Nickel, 2-, 3-wire, α = 0.00672
Standard Temperature Ranges
Refer to Model Table
Custom Ranges
Not Available*
Output Range Options (RL > 2 kΩ)
+1 V to +5 V or 0 V to +10 V
Accuracy1
Initial @ +25°C
Refer to Model Table
Nonlinearity2
Refer to Model Table



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com