Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3JF Datasheet(PDF) 1 Page - MTRONPTI

Part # PM3JF
Description  Surface Mount Crystals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PM3JF Datasheet(HTML) 1 Page - MTRONPTI

  PM3JF Datasheet HTML 1Page - MTRONPTI PM3JF Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
PM Surface Mount Crystals
5.0 x 7.0 x 1.3 mm
A = Available
S = Standard
N = Not Available
Available Stabilities vs. Temperature
Revision: 02-28-07
DENOTES PIN 1


Similar Part No. - PM3JF

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PM3JF MTRONPTI-PM3JF Datasheet
370Kb / 2P
Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
PM3JFS MTRONPTI-PM3JFS Datasheet
370Kb / 2P
Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
PM3JFXX MTRONPTI-PM3JFXX Datasheet
370Kb / 2P
Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
More results

Similar Description - PM3JF

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATSM-49 MTRONPTI-ATSM-49 Datasheet
260Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U Datasheet
261Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U_07 Datasheet
257Kb / 2P
Surface Mount Crystals
logo
EUROQUARTZ limited
49MJ EUROQUARTZ-49MJ Datasheet
104Kb / 1P
SURFACE-MOUNT CRYSTALS
86SMX EUROQUARTZ-86SMX Datasheet
47Kb / 1P
SURFACE-MOUNT CRYSTALS
90SMX-SH EUROQUARTZ-90SMX-SH Datasheet
103Kb / 1P
SURFACE-MOUNT CRYSTALS
logo
MTRONPTI
HC49U MTRONPTI-HC49U Datasheet
308Kb / 2P
Surface Mount Crystals
logo
Mercury United Electron...
M49 MERCURY-M49 Datasheet
109Kb / 1P
Surface Mount Crystals
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
X22 MERCURY-X22 Datasheet
44Kb / 1P
Surface Mount Crystals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com