Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5095H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD5095H
Description  DECT baseband controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5095H Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD5095H Datasheet HTML 1Page - NXP Semiconductors PCD5095H Datasheet HTML 2Page - NXP Semiconductors PCD5095H Datasheet HTML 3Page - NXP Semiconductors PCD5095H Datasheet HTML 4Page - NXP Semiconductors PCD5095H Datasheet HTML 5Page - NXP Semiconductors PCD5095H Datasheet HTML 6Page - NXP Semiconductors PCD5095H Datasheet HTML 7Page - NXP Semiconductors PCD5095H Datasheet HTML 8Page - NXP Semiconductors PCD5095H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997 Nov 19
3
Philips Semiconductors
Objective specification
DECT baseband controller
PCD5095
1
FEATURES
• 80C51 ports P0, P1, P2 and P3 available for interfacing
to display, keyboard, I2C-bus, interrupt sources and/or
external memory. Integrated 64 kbyte ROM, 3 kbytes of
data memory and 1kbyte System Data RAM. External
program memory is addressable up to 128 kbytes
• +2.7 to 5 V port (P0 to P3) interface
• TDMA frame (de)multiplexing, transmission or reception
can be programmed for any slot
• Ciphering, scrambling, CRC checking/generation and
protected B-fields
• Speech and data buffering space for six handsets
• Local call and B-field loop-back
• Two interrupt lines for BML and DSP to interrupt 80C51
• On-chip, three channel time-multiplexed 8-bit
Analog-to-Digital Converter (ADC) for RSSI
measurement, one for battery voltage measurement
and one channel available for other purposes
• On-chip 8-bit Digital-to-Analog Converter (DAC) for
electronic potentiometer function
• Phase error measurement and phase error correction by
hardware
• DACs and ADCs for dynamic earpiece and dynamic or
electret microphone
• On-chip reference voltage
• On-chip supply for electret microphone
• Very low ohmic buzzer output
• Serial interface to external ADPCM CODEC (PCD5032)
or 8 kHz u-law samples
• Speech switch for Digital Telephone Answering
Machine (DTAM) connected to SPI interface
• IOM®-2 interface (Siemens registered trademark)
• Serial interface to synthesizer for frequency
programming
• Programmable polarity and timing of radio-control
signals
• GMSK pulse shaper
• On-chip comparator for use as data-slicer
• Easy interfacing with radio circuits, operating at other
supply voltage (RF supply pin with level shifter for RF
signals)
• Low-power oscillator with integrated frequency
adjustment
• QFP100 package
• Power-on-reset
• Programmable power-down modes
• Low supply voltage (2.7 to 3.6 V)
• CMOS technology.
1.1
DSP software features
• 3x ADPCM transcoding complying with G.726
• A-Law encoding and decoding complying with G.711
• 4 Channel bidirectional ADPCM interface to the IOM®-2
and radio interface
• Programmable channel switching and buffers
• Channel mute.
For each DSP software version a separate manual is
available in which detailed information is provided on how
parameters must be set. For further information please
contact Philips Semiconductors.
2
GENERAL DESCRIPTION
The PCD5095 is designed for GAP-compliant business
systems, PABX and WLL. Two modes can be selected:
three channel ADPCM CODEC with conversion of
ADPCM samples to linear PCM format and vice versa, the
second mode copies four ADPCM samples into two IOM
data buffers and vice versa. In both modes the DSP
controls the bidirectional data flow from the radio interface
and the IOM®-2 interface. The 80C51 controls the DECT
protocol and the IOM®-2 interface. The performance of the
embedded 80C51 microcontroller is twice the performance
of the classic architecture. The PCD5095 has 64 kbytes of
PROM program memory and 3 kbytes of data memory
on-chip. In addition there is 1 kbyte of on-chip data
memory that is shared with the Burst Mode Logic (BML),
the DSP and the System Data RAM (SDR).
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD5095H
QFP100
plastic quad flat package; 100 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT317-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com