Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81382 Datasheet(PDF) 1 Page - Schneider Electric

Part # 81382
Description  PratiKa wander plug - straight - 63 A - 3P E - 380...415 V AC - IP67
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

81382 Datasheet(HTML) 1 Page - Schneider Electric

  81382 Datasheet HTML 1Page - Schneider Electric 81382 Datasheet HTML 2Page - Schneider Electric 81382 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PratiKa wander plug - straight - 63
A - 3P + E - 380...415 V AC - IP67
81382
Main
Range
Mureva
Product Or Component Type
Wander plug
Device Short Name
Mureva plug
Plug, Socket Category
Low voltage
Poles Description
3P + E
Network Type
AC
Outlet Standard
Industrial
Complementary
Plug, Socket, Control Station
Shape
Straight
[In] Rated Current
63 A
[Ue] Rated Operational Voltage
380...415 V
Network Frequency
50/60 Hz
Ground Lug Clockwise Position
6 h
Plug, Socket Material
Housing: self-extinguishing engineering polymer
Contacts Material
Pins: nickel plated brass
Connections - Terminals
Captive screws
Cable Cross Section
6…25 mm²
Cable Outer Diameter
17…31 mm
Cable Entry
Cable gland
Thread Type
Pg 36
Net Weight
0.736 kg
Height
265 mm
Width
110 mm
Depth
110 mm
Colour
Grey (RAL 7035)
Voltage Colour
Red
Environment
Standards
IEC 60309-2
IEC 60309-1
Ip Degree Of Protection
IP67 conforming to IEC 60529
Product datasheet
Specifications
Feb 22, 2024
1
Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.


Similar Part No. - 81382

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8138 BELDEN-8138 Datasheet
158Kb / 2P
RS232/485 Low Cap, #28-8pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
logo
Christian Bürkert GmbH ...
8138 BURKERT-8138 Datasheet
1Mb / 13P
Radar level meter for hygienic applications
15.09.2021
logo
Festo Corporation.
8138000 FESTO-8138000 Datasheet
85Kb / 2P
Proximity switch
8138001 FESTO-8138001 Datasheet
85Kb / 2P
Proximity switch
logo
Belden Inc.
8138060100 BELDEN-8138060100 Datasheet
158Kb / 2P
RS232/485 Low Cap, #28-8pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
More results

Similar Description - 81382

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F11363 SCHNEIDER-M9F11363 Datasheet
117Kb / 3P
Multi 9 - C60N - MCB - 3P - 63 A - C Curve - 415 V - 10 kA
M9F12363 SCHNEIDER-M9F12363 Datasheet
108Kb / 2P
Multi 9 - C60N - MCB - 3P - 63 A - D Curve - 415 V - 10 kA
M9F13363 SCHNEIDER-M9F13363 Datasheet
107Kb / 2P
Multi 9 - C60H - MCB - 3P - 63 A - B Curve - 415 V - 15 kA
Mar 16, 2020
M9F14363 SCHNEIDER-M9F14363 Datasheet
107Kb / 2P
Multi 9 - C60H - MCB - 3P - 63 A - C Curve - 415 V - 15 kA
M9F15363 SCHNEIDER-M9F15363 Datasheet
107Kb / 2P
Multi 9 - C60H - MCB - 3P - 63 A - D Curve - 415 V - 15 kA
LC1F225Q7 SCHNEIDER-LC1F225Q7 Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 225 A - coil 380 V AC
Apr 22, 2021
LC1F265Q7 SCHNEIDER-LC1F265Q7 Datasheet
88Kb / 3P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 380 V AC
Apr 22, 2021
82454 SCHNEIDER-82454 Datasheet
101Kb / 3P
PratiKa wander socket - straight - 16 A - 3P - 40...50 V AC - IP67
Jun 24, 2021
82354 SCHNEIDER-82354 Datasheet
108Kb / 3P
Pratika wander plug - straight - 16 A - 3P - 40...50 V AC - IP67
Jun 24, 2021
logo
PHOENIX CONTACT
0913100 PHOENIX-0913100 Datasheet
59Kb / 3P
Fuse insert - S 63 A/380 V
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com