Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-ABBE-REF2 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-ABBE-REF2
Description  Refractometer PCE-ABBE-REF2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-ABBE-REF2 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-ABBE-REF2 Datasheet HTML 1Page - PCE Instruments. PCE-ABBE-REF2 Datasheet HTML 2Page - PCE Instruments. PCE-ABBE-REF2 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Refractometer PCE-ABBE-REF2
Abbe refractometer for precise measurement of refractive index and sugar content /
Thermometer included / Temperature control of the prism holder possible /
For the analysis of fats, oils, paints, varnishes, foodstuffs and chem. substances
With the Abbe refractometer you get a measuring device for fast and precise determination of the refractive index nD between 1.300 and
1.700. The Abbe refractometer also measures the sugar content of translucent liquids, dispersions, emulsions or other substances. Using the
supplied thermometer, the refractive index can be determined for a temperature range of 0 ... +70 °C. In order to control the temperature of
the device, adapters for water hoses are attached to both sides of the Abbe refractometer on the upper and lower prism holders, which allow
temperature control by means of an external thermostat. With this Abbe refractometer you can e.g. carry out an exact determination of the
sugar content in the range 0 ... 95% (1.333 ... 1.531). The area of application is much wider: measurement and analysis of fats, oils, paints,
varnishes, foodstuffs, chemical substances, alcohol and solvents.
How does an Abbe refractometer work?
A refractometer serves as a measuring device with which you can determine the refractive index. This works with both liquid and solid
substances, as long as they are transparent, with the help of refractometry. After the sample has been applied to the refractometer, special
optics in the refractometer create opposite light-dark fields, the borderline between the two fields is the measurement result of the sample.
Roughly speaking, one can differentiate between three measuring methods of a refractometer:
Transmitted light
Grazing incidence
Total reflection
For this purpose, the refraction, i.e. the refraction or total reflection of the light and its physical properties are used. The common denominator
of the three measuring principles presented is the measuring prism with a known refractive index. Light has the property that it does not move
at the same speed at the transition between the measuring prism and the sample medium, but propagates at different speeds. The unknown
refractive index of the medium to be measured is measured via the light deflection.
With the transmitted light principle, a parallel beam of light is refracted at the interface between the two media.  
In the case of grazing incidence and total reflection, the critical angle of a beam is
  measured with different angles of incidence on the interface.


Similar Part No. - PCE-ABBE-REF2

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-ABT220 PCE-PCE-ABT220 Datasheet
409Kb / 2P
Analytical Balance PCE-ABT 220-DAkkS Incl. DAkkSCalibration Certificate
PCE-ABT220L PCE-PCE-ABT220L Datasheet
603Kb / 2P
Analytical Balance PCE-ABT 220L-DAkkS incl. DAkkS
More results

Similar Description - PCE-ABBE-REF2

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF18 EXTECH-RF18 Datasheet
65Kb / 1P
Brix Refractometer
RF20 EXTECH-RF20 Datasheet
178Kb / 4P
Portable Salinity Refractometer with ATC
RF40 EXTECH-RF40 Datasheet
81Kb / 1P
Battery/Coolant Refractometer with ATC
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com