Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-RT11 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-RT11
Description  Roughness Tester PCE-RT 11
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RT11 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-RT11 Datasheet HTML 1Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Roughness Tester PCE-RT 11
Roughness tester for accurate determination of roughness according to Ra, Rz, Rq and Rt / with piezoelectric
probe / big OLED display with backlight
The Roughness Tester PCE-RT-11 is a portable measuring instrument for determination of surface roughness according
to Ra, Rz, Rq and Rt in just one device. The small roughness tester is especially designed for fast measuring of
roughness. The roughness (obsolete: throatiness) is a term of surface physics that describes unevenness of surface
height. The roughness tester works according to the same piezoelectric micro probe principle like the highly accurate
laboratory measuring instruments. The easy handling of the roughness tester as well as the high repetitive accuracy
characterizes this device. After touching the button the piezoelectric micro probe of the roughness tester scans the
surface within seconds and shows digitally, according to the preselected cut-off length, either the value Ra, Rz, Rq or Rt.
- With real time battery display
- USB interface
- Simple calibration
- Also for cylinder and inclined area
- With slider to protect the probe
- Wide measuring area
- OLED display
- With roughness standard
- Piezoelectric probe
- With backlight
Technical Specifications
Roughness parameters
Ra, Rz, Rq, Rt
Accuracy
± 15 %
Repeatability
< 12 %
Measuring area Rz, Rt
0.1 … 50 µm
Measuring area Ra, Rq
0.05 … 10 µm
Cut-off length
f0.25 mm, 0.8 mm, 2.5 mm
Scanning path in total
6 mm
Probing speed
1 mm / s
Probe system
piezoelectric probe
Probe diamante
10 µm ± 1 µm tip radius
Inclination angle
OLED display
Ambient temperature
-20 … +40 °C
Humidity
< 90 %
Power supply
3.7 V Li-Ion-accumulator
Load-time
3 hours
Dimension
106 x 70 x 24 mm
Weight
200 g
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
www.pce-instruments.com/english
www.pce-instruments.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
Technical Specification Roughness Tester PCE-RT 11


Similar Part No. - PCE-RT11

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-RT10 PCE-PCE-RT10 Datasheet
294Kb / 2P
Material Surface Roughness Tester PCE-RT 10
PCE-RT10-ICA PCE-PCE-RT10-ICA Datasheet
407Kb / 2P
Material Surface Roughness Tester PCE-RT 10-ICA Incl.
PCE-RT1200 PCE-PCE-RT1200 Datasheet
389Kb / 2P
Roughness Tester PCE-RT 1200
More results

Similar Description - PCE-RT11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
TOKYO SEIMITSU CO., LTD
SURFCOMMAP ACCRETECH-SURFCOMMAP Datasheet
479Kb / 2P
Advanced 3D Roughness Analysis Software
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
ST03 PF-ST03 Datasheet
957Kb / 1P
Sensor tester
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com