Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-WO2-10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-WO2-10
Description  Dissolved Oxygen Meter PCE-WO2 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-WO2-10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-WO2-10 Datasheet HTML 1Page - PCE Instruments. PCE-WO2-10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range oxygen content
0.0 ... 20.0 mg/l
Resolution oxygen content
0.1 mg/l
Measuring accuracy oxygen content
±0.5 mg/l
Measuring range oxygen saturation
0.0 ... 200.0 %
Resolution oxygen saturation
0.1 %
Measuring accuracy of oxygen saturation ±2.0 %
Temperature compensation
0 ... +40 °C / 32 ... 104 °F, automatic
Air pressure correction
60.0 ... 112.5 kPa, 450 ...850 mmHg
Salinity correction
0 ... 35 g/l
Sensor type
polarography
Environmental conditions
0 ... +60 °C / 32 ... 140 °F, max. 80 % r.H.
Power supply
2 x 1.5 AAA batteries
Dimension (length x radius)
175 x 40 mm / 6.8 x 1.5"
Weight
100 g / 3.5 oz
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com