Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7845 Datasheet(PDF) 4 Page - EPCOS

Part # B7845
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7845 Datasheet(HTML) 4 Page - EPCOS

  B7845 Datasheet HTML 1Page - EPCOS B7845 Datasheet HTML 2Page - EPCOS B7845 Datasheet HTML 3Page - EPCOS B7845 Datasheet HTML 4Page - EPCOS B7845 Datasheet HTML 5Page - EPCOS B7845 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Sep 15, 2005
SAW Components
B7845
881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +75 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 150 Ω || 82 nH (balanced)
min.
typ.
max.
Center frequency
fC
—
881,5
—
MHz
Maximum insertion attenuation
α
max
869,0
... 894,0
MHz
—
1,3
1,6
dB
Amplitude ripple (p-p)
∆α
869,0
... 894,0
MHz
—
0,6
0,8
dB
Input VSWR
869,0
... 894,0
MHz
—
1,6
1,8
Output VSWR
869,0
... 894,0
MHz
—
1,6
1,8
Attenuation
0,0
... 434,0
MHz
45
54
—
dB
434,0
... 447,0
MHz
45
52
—
dB
447,0
... 849,0
MHz
30
35
—
dB
914,0
...1000,0
MHz
26
29
—
dB
1000,0
...1738,0
MHz
28
38
—
dB
1738,0
...6000,0
MHz
40
46
—
dB
Amplitude balance
(|S31/S21|)
869,0
... 894,0
MHz
-1,0
-0,6 ... 0,0
1,0
dB
Phase balance
(φ(S31)−φ(S21)+180˚)
869,0
... 894,0
MHz
-5
-3,0 ... 1,5
5
degree
Common mode suppression
Ssc12
869,0
... 894,0
MHz
20
26
—
dB
824,0
... 995,0
MHz
20
26
—
dB
1648,0
... 1990,0
MHz
22
40
—
dB
3296,0
... 3980,0
MHz
20
35
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com