Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C044 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC-C044
Description  GaAs MMIC I/Q MIXER MODULE 15 - 23 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C044 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC-C044 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C044 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C044 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C044 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C044 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C044 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5 - 47
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
Conversion Gain vs. Temperature
Image Rejection vs. Temperature
Conversion Gain vs. LO Drive
Return Loss
Data taken As IRM With External IF Hybrid
Input P1dB vs. Temperature
Input IP3 vs. LO Drive
HMC-C044
v00.0307
-20
-15
-10
-5
0
13
14
15
16
17
18
19
20
21
22
23
24
+25C
+85C
-55C
RF FREQUENCY (GHz)
-15
-10
-5
0
13
14
15
16
17
18
19
20
21
22
23
24
RF
LO
FREQUENCY (GHz)
-20
-15
-10
-5
0
13
14
15
16
17
18
19
20
21
22
23
24
+11dBm
+13dBm
+15dBm
+17dBm
+19dBm
RF FREQUENCY (GHz)
0
10
20
30
40
13
14
15
16
17
18
19
20
21
22
23
24
+25C
+85C
-55C
RF FREQUENCY (GHz)
GaAs MMIC I/Q MIXER MODULE
15 - 23 GHz
0
5
10
15
20
25
30
13
14
15
16
17
18
19
20
21
22
23
24
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
13
14
15
16
17
18
19
20
21
22
23
24
+25C
+85C
-55C
RF FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com