Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

782853231 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 782853231
Description  WE-CBA SMT EMI Suppression Ferrite Bead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

782853231 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  782853231 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 782853231 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 782853231 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 782853231 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 782853231 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 782853231 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions: [mm]
0,5 ± 0,3
2,0 ± 0,2
Scale - 10:1
Recommended Land Pattern: [mm]
1,2
W
WIDE BAND / HIGH SPEED: W = 3,0
HIGH CURRENT:
W = 4,0
Scale - 10:1
Schematic:
Z
F
Electrical Properties:
Properties
Test conditions
Value
Unit
Tol.
Impedance @ 100 MHz
Z
100 MHz
220
Ω
±25%
Maximum Impedance
Zmax 300 MHz
330
Ω
max.
Rated Current
IR
ΔT = 40 K
3000
mA
max.
DC Resistance
RDC
@ 20 °C
0.05
Ω
max.
Type
High Current
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
Halogen Free
Conform [JEDEC JS709B]
Halogen Free
Conform [IEC 61249-2-21]
Component Qualification
AEC-Q200 Grade 1
Automotive Approval
Released
General Information:
Do not use this part constantly beyond the Rated Current, as this will create excessive heat and can
harm the component
Ambient Temperature (referring
to IR)
-55 up to +85 °C
Operating Temperature
-55 up to +125 °C
Storage Conditions (in original
packaging)
< 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL)
1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
AGa
002.000
2021-01-11
DIN ISO 2768-1m
DESCRIPTION
WE-CBA SMT EMI Suppression
Ferrite Bead
ORDER CODE
782853231
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
0805
eiSos
Valid
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 782853231

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782853200 WURTH-782853200 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782853221 WURTH-782853221 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
782853270 WURTH-782853270 Datasheet
1Mb / 7P
WE-CBA SMD EMI Suppression Ferrite Bead
More results

Similar Description - 782853231

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782853131 WURTH-782853131 Datasheet
543Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782853162 WURTH-782853162 Datasheet
513Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
782853601 WURTH-782853601 Datasheet
543Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782963600 WURTH-782963600 Datasheet
563Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782763301 WURTH-782763301 Datasheet
517Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
782631141 WURTH-782631141 Datasheet
560Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
002.000
782963610 WURTH-782963610 Datasheet
563Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782631111 WURTH-782631111 Datasheet
560Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
002.000
782853401 WURTH-782853401 Datasheet
513Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
782963851 WURTH-782963851 Datasheet
517Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com