Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1085LM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS1085LM
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS1085LM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS1085LM Datasheet HTML 1Page - List of Unclassifed Manufacturers GS1085LM Datasheet HTML 2Page - List of Unclassifed Manufacturers GS1085LM Datasheet HTML 3Page - List of Unclassifed Manufacturers GS1085LM Datasheet HTML 4Page - List of Unclassifed Manufacturers GS1085LM Datasheet HTML 5Page - List of Unclassifed Manufacturers GS1085LM Datasheet HTML 6Page - List of Unclassifed Manufacturers GS1085LM Datasheet HTML 7Page - List of Unclassifed Manufacturers GS1085LM Datasheet HTML 8Page - List of Unclassifed Manufacturers GS1085LM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.gs-power.com
Electrical Characteristics
IOUT = 0 mA, and TJ = +25°C, unless otherwise noted
Parameter
Device
Conditions
Min
Typ
Max
Units
Reference
Voltage(1)
GS1085L
Vin=2.75V , Io=10mA
Vin=2.7 to 7V , Io=10mA to 3A
1.238
1.225
1.250
1.250
1.263
1.275
V
V
Output
Voltage
GS1085L- 1.5
Vin=4.0V
Vin=3.0V , Io= 0mA to 3A
1.485
1.470
1.500
1.500
1.515
1.530
V
V
GS1085L- 1.8
Vin=4.3V
Vin=3.3V , Io= 0mA to 3A
1.782
1.764
1.800
1.800
1.818
1.836
V
V
GS1085L- 2.5
Vin=5.0V
Vin=4.0V , Io= 0mA to 3A
2.475
2.450
2.500
2.500
2.525
2.550
V
V
GS1085L- 3.3
Vin=5.8V
Vin=4.8V , Io= 0mA to 3A
3.267
3.234
3.300
3.300
3.333
3.366
V
V
GS1085L- 5.0
Vin=7.5V
Vin=6.5V , Io= 0mA to 3A
4.950
4.900
5.000
5.000
5.050
5.100
V
V
Line
Regulation(1)
All
IO =10mA
(Vo+1.5V) ≦ Vin ≦ 7V
0.04
0.2
%
Load
Regulation(1)
All
Vin=Vo+2.5V ,
Io=0mA to 3A
0.08
0.4
%
Dropout
Voltage
(VIN - VOUT)
(1),(3)
All
Δ
VOUT, ΔVREF = 1%,
IOUT = 3A
1.1
1.3
V
Current
Limit(1)
All
3
4
A
Quiescent
Current
All
VIN =5V
5
10
mA
Ripple
Rejection(1)
All
f =120Hz ,
COUT = 25μF Tantalum, IOUT = 3A,
(VIN-VOUT ) = 3V, CADJ =25μF
60
75
dB
Adjust Pin
Current(1)
GS1085L
50
120
μ
A
Temperature
Stability
0.5
%
Long Term
Stability
TA = 25°C, 1000Hrs
0.03
1
%
NOTE 1: For GS1085L(adjustable) VADJ=0V
NOTE 2: For the adjustable device the minimum load current is the minimum current required to maintain
regulation. Normally the current in the resistor divider used to set the output voltage is selected to meet
the minimum load current requirement.
NOTE 3 : The specification represent the minimum input/output voltage required to maintain 1% regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com