Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1085LMF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GS1085LMF
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS1085LMF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GS1085LMF Datasheet HTML 1Page - List of Unclassifed Manufacturers GS1085LMF Datasheet HTML 2Page - List of Unclassifed Manufacturers GS1085LMF Datasheet HTML 3Page - List of Unclassifed Manufacturers GS1085LMF Datasheet HTML 4Page - List of Unclassifed Manufacturers GS1085LMF Datasheet HTML 5Page - List of Unclassifed Manufacturers GS1085LMF Datasheet HTML 6Page - List of Unclassifed Manufacturers GS1085LMF Datasheet HTML 7Page - List of Unclassifed Manufacturers GS1085LMF Datasheet HTML 8Page - List of Unclassifed Manufacturers GS1085LMF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.gs-power.com
Typical Applications
GS1085L
EN
IN
ADJ
OUT
Vout
R1
R2
Cin
Cout
Vin
Iadj
50uA
Vref
1.25V
VOUT=VREF (1+R2/R1)+IADJR2
Figure1. Adjustable Voltage Regulator
Vin
GS1085L-xx
OUT
IN
GND
Vout
Cin
10uF/Tantalum
Cout
10uF/Tantalum
IGND
Figure2. Fixed Voltage Regulator
Typical Performance Characteristics
Dropt Voltage
Load Regulation
TJ=150°C
TJ=25°C
2
1
0
0
1
2
3
4
OUTPUT CURRENT(A)
-50 -25 0 25 50 75 100 125 150
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
TEMPERATURE(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com