Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ST103
Description  Sleek Design with Compelling Enterprise Benefits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST103 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST103 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
※ Specifications are subject to change.
WIRELESS WAN DATA AND VOICE COMMUNICATION
Radio
Frequency
Band
(Optional)
W orldwide
- LTE : 1(2100), 2(1900), 3(1800), 4(1700/2100),
5(850), 7(2600), 8(900), 20(800), 28(700)
- W CDMA : B1, B2, B4, B5, B8
- GSM/EDGE : B2, B3, B5, B8
Japan
- LTE FDD : B1, B3, B8, B9, B19
- W CDMA : B1, B6, B8, B9
GPS
(for W W AN only)
A-GPS, GLONASS, BEIDOU, Galileo
PHYSICAL CHARACTERISTICS
Dimension
(L x W x D)
254.2 x 172.4 x 12.2 mm
Weight
6
71g
Display
10.1 inch, 1280 X 800 (W XGA)
Imager Window
Corning® Gorilla® Glass
Touch Panel
Capacitive multi-touch / Stylus
Backlight
LED backlight
Power
Integrated Battery 3.8V 6000mAh
Expansion Slot
User accessible micro SDXC card slot
(standard supports up to 2TB)
SIM / SAM
1 Micro SIM (WWAN only)
Interface
Docking Connector (10-pin)
1 x USB Type C (3.0) (OTG)
Notification
Audible tone, Charging Status LED 1
Voice & Audio
Speaker, Microphone
Keypad
On-screen keypad
PERFORMANCE CHARACTERISTICS
CPU
1.8 GHz Octa Core Processor
OS
Android 10 with GMS
Memory
3GB RAM / 32GB Flash
4GB RAM / 64GB Flash (Optional)
WIRELESS LAN
Radio
802.11 a/b/g/n/ac/d/r/h/i/v/k/w
Data Rate
5GHz: 802.11a/n/ac
— up to 500 Mbps;
2.4GHz: 802.11b/g/n
— up to 144 Mbps
Security and
Encryption
W EP (40 or 104 bit);
W PA/WPA2 Personal (TKIP, and AES);
W PA/WPA2 Enterprise (TKIP, and AES)
- EAPTTLS (PAP, MSCHAP, MSCHAPv2),
EAP-TLS, PE APv0-MSCHAPv2,
PE APv1-EAP-GTC, EAP Fast and LEAP
WIRELESS PAN
Bluetooth
Bluetooth v5.0, BLE, Class 2
DATA CAPTURE
Camera
(Optional)
Rear
– 13MP Autofocus
Front
– 5MP Fixed Focus
NFC
(Optional)
ISO 14443 Type A & B
ISO 15693, MiFare, Felica
SENSOR
Light Sensor
Ambient Light
Motion Sensor
Accelerometer, E-Compass, Gyro
USER ENVIRONMENT
Operating
Temp.
-20°C to 50°C / 4°F to 122°F
Storage Temp.
-20°C to 65°C / -22°F to +149°F
Humidity
90% non-condensing
Electrostatic
Discharge (ESD)
+/-15kVdc air discharge
+/-8kVdc direct discharge
+/-8kVdc indirect discharge
WIRED LAN
Ethernet
Support (w/ Ethernet Cradle)
ACCESSORIES
Accessories
1 slot charge / Ethernet cradle, Stylus, Screen
protectors, Vehicle Charger, Vehicle mount
Please visit our official website or contact to our sales
representative for availability of the above accessories.
DATA SHEET
ST103 ANDROID ENTERPRISE SMART TABLET
www.bluebirdcorp.com
Bluebird Inc. (Corporate Headquarters)
3F, 115, Irwon-ro, Gangnam gu, Seoul, Republic of Korea, Postal#06355 Phone. +82-1577-0778 Fax. +82.2.6499.2242
Copyright © Bluebird Inc. All rights reserved. Bluebird Inc. is the designer and manufacturer of Bluebird handheld mobiles.
Bluebird logo is registered trademark of Bluebird Inc. All other trademarks are property of their repective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com