Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCC2M00G53A-R0 Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd

Part # CSTCC2M00G53A-R0
Description  Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCC2M00G53A-R0 Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd

Back Button CSTCC2M00G53A-R0_V01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd CSTCC2M00G53A-R0_V01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Document No. JGC42-8786
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 12/19
表
1
Table 1.
項 目
Item
試験後の変化量
Specification After Test
発振周波数
Oscillating Frequency
±0.30%以内(初期値に対し)
±0.30%max. (from initial value)
100
Φ4.5
6.2
2.5
1.2
1.4
基板材質
Board Material
ガラスエポキシ(
FR4)
Glass Epoxy(FR4)
基板厚み
Board Thickness
1.6mm
第
2図
たわみ試験用基板
Figure 2. Test Board for Bending Strength Test
15
基板材質
Board Material
ガラスエポキシ(
FR4)
Glass Epoxy(FR4)
基板厚み
Board Thickness
1.0mm
第
3図
試験用基板
Figure 3.
Test Board
単位:
mm
in mm
単位:
mm
in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com