Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3580 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX3580
Description  Direct-Conversion TV Tuner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX3580 Datasheet HTML 10Page - Maxim Integrated Products MAX3580 Datasheet HTML 11Page - Maxim Integrated Products MAX3580 Datasheet HTML 12Page - Maxim Integrated Products MAX3580 Datasheet HTML 13Page - Maxim Integrated Products MAX3580 Datasheet HTML 14Page - Maxim Integrated Products MAX3580 Datasheet HTML 15Page - Maxim Integrated Products MAX3580 Datasheet HTML 16Page - Maxim Integrated Products MAX3580 Datasheet HTML 17Page - Maxim Integrated Products MAX3580 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Direct-Conversion TV Tuner
14
______________________________________________________________________________________
Shutdown Control (Register Address 0x08)
SHDN_BG: Main Bandgap
0 = Enabled
1 = Disabled
The main bandgap can and will be shut down
once all other blocks are shut down (i.e., all bits in this
shutdown register and bits VCO_ in the VCO
Control Register and bits DC_MO_ in the DC
Offset Control Register are shut down).
SHDN_PD: Baseband Power Detector
0 = Enabled
1 = Disabled
SHDN_RF: RF LNA/VGA:
0 = Enabled
1 = Disabled
SHDN_MIX: I/Q Mixer and LO Drivers
0 = Enabled
1 = Disabled
SHDN_BB: Baseband Filters and VGA
0 = Enabled
1 = Disabled
SHDN_SYN: Fractional PLL
0 = Enabled
1 = Disabled
SHDN_REF: Controls the Crystal Oscillator Buffered
Output
0 = Enabled
1 = Disabled
The XTAL oscillator activation results from the
SHDN_SYN, SHDN_REF bits: If either one is on,
the XTAL oscillator runs. The XTAL oscillator is
shut down only if both bits are off.
VCO Control (Register Address 0x09)
VCO<1:0>: Selects 1 of 3 VCO Bands. 00 turns off
VCO block completely.
BS<2:0>: Selects 1 of 8 VCO Sub-Bands
VAS: VCO Band Autoselect
0 = VCO band select controlled by bits VCO<1:0>
1 = Controlled by autotuner
ADL: VCO ADC Latch Enable Bit
1 = Latches ADC value
0 = Default
ADE: Enable VCO Tune Voltage DAC Read
1 = Enables ADC read
0 = Default
Baseband Control (Register Address 0x0A)
PD_TH<2:0>: Detection Threshold for Baseband
Power Detector
BB_BW<3:0>: Baseband Filter Bandwidth. Optimum
values for 7MHz and 8MHz wide RF channels can
be taken from the ROM table.
DC Offset Control (Register Address 0x0B)
DC_TH<1:0>: DC Offset Correction Thresholds.
Keeps output within:
00 = Output within ±0.55V of balanced state
11 = Output within ±0.75V of balanced state
DC_SP<1:0>: DC Offset Correction Speed (or Highpass
Corner Frequency).
11 = Fast (~500Hz)
01 = Slow (~20Hz)
00 = Off/hold DAC values
DC_MO<1:0>: Mode of Operation
00 = Off
10/01 = Sets I/Q channel DACs direct from register
11 = Normal operation
DC_DAC<8>: MSB for DC Offset DAC
BB_BIA: Baseband Filter Op-Amp Bias Settings
0 = Low
1 = High
*
Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com