Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

217 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 217
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

217 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 217 Datasheet HTML 9Page - List of Unclassifed Manufacturers 217 Datasheet HTML 10Page - List of Unclassifed Manufacturers 217 Datasheet HTML 11Page - List of Unclassifed Manufacturers 217 Datasheet HTML 12Page - List of Unclassifed Manufacturers 217 Datasheet HTML 13Page - List of Unclassifed Manufacturers 217 Datasheet HTML 14Page - List of Unclassifed Manufacturers 217 Datasheet HTML 15Page - List of Unclassifed Manufacturers 217 Datasheet HTML 16Page - List of Unclassifed Manufacturers 217 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
68
69
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
260 SERIES
260 SERIES
EPOXY INSULATED FOR TO-5
Base Mounting Configurations — TO-5
Plain Type — Epoxy bonded, or used with #4 pan head screws.
Tapped Base — #4-40 UNC screw (not supplied) fits tapped hole. Care
should be taken not to use too long a screw, which could short against
the semiconductor case. For correct screw lengths:
Correct Screw Length (L) = Depth of Base + Panel Thickness + Washer Thickness
Stud Mounting Base. #6-32 UNC. Nuts and washers not supplied. Stud
hole must be slightly countersunk to ensure flat mounting.
To determine the correct mounting screw lengths, add dimensions as follows:
Correct Screw Length (L) =
Depth of Base + Panel Thickness + Washer Thickness
Thread
Size:
4 = #4-40 UNC
Base Style: H = hex
6 = #6-32 UNC
Semiconductor
Mounting T = tapped
Case Style: 5 = TO-5
Style:
S = stud
Insulation E = epoxy
P = plain
Characteristics
TO-5
Thermal Resistance – Epoxy Insulated
14° C/W
Breakdown Voltage – Epoxy Type (VAC), 60 Hz
500
Recommended Operating Voltage, AC or DC
Clean Conditions: % Hipot Rating
50
Dusty Conditions: % Hipot Rating
30
Dirty Conditions: % Hipot Rating
10 to 20
Temperature Range — Continuous (C°)
-73/+149
Depth of
Model
Tapped Base
260-4T5E
0.093 (2.36)
260-4TH5E
0.125 (3.18)
Outline Dimension
Standard
Insulation
L x W x I.D.
Weight
Case
P/N
Type
in. (mm)
lbs. (grams)
Style
260-4T5E
Epoxy Insulated
0.370 (9.4) x 0.380 (9.7) dia. x 0.290 (7.4)
0.0024 (1.09)
TO-5
260-4TH5E
Epoxy Insulated
0.400 (10.2) x 0.370 (9.4) hex. x 0.290 (7.4)
0.0031 (1.41)
TO-5
260-6SH5E
Epoxy Insulated
0.557 (14.1) x 0.370 (9.4) hex. x 0.290 (7.4)
0.0037 (1.68)
TO-5
Materials and Finish: Cups – beryllium copper, black ebonol “C”; Bases – brass, black ebonol “C”
CUP CLIPS FOR TO-5 CASE STYLE SEMICONDUCTORS
TO-5 CASE STYLE CUP CLIPS — ORDERING GUIDE
260-4T5E
260-4TH5E
260-6SH5E
258 SERIES
THERMAL LINKS FOR FUSED GLASS DIODES
Standard
Dimensions
Weight
P/N
in. (mm)
Material
Finish
lbs. (grams)
258
0.500 (12.7) x 0.250 (6.4) x 0.340 (8.6)
Aluminum
DeltaCoate™ 151 on all surfaces
0.0018 (0.82)
except solder pads and base
The thermal resistance from diode leads to chassis or heat sink is 12°C/watt, when unit is mounted with TYPE 120
Joint Compound. If a 10°C/watt chassis or sink to ambient impedance is available, the thermal resistance from the
diode leads to ambient is reduced from about 150°C/watt to 22°C/watt.
MECHANICAL DIMENSIONS
MECHANICAL DIMENSIONS
Dimensions: in. (mm)
634 SERIES
Height Above
Footprint
PC Board
Dimensions
Weight
Plain Pin
Without Pin
in. (mm)
in. (mm)
lbs. (grams)
634-10ABEP
634-10AB
1.000 (25.4)
0.640 (16.26) x 0.640 (16.26)
0.016 (7.48)
634-15ABEP
634-15AB
1.500 (38.1)
0.640 (16.26) x 0.640 (16.26)
0.025 (11.21)
634-20ABEP
634-20AB
2.000 (50.8)
0.640 (16.26) x 0.640 (16.26)
0.033 (14.95)
Material: Aluminum, Black Anodized.
These slim profile unidirectional fin heat sinks offer users two assembly alternatives for vertically mounting TO-220
and TO-218 components. Models are available with or without wave-solderable pins on 0.40 in. (10.2) centers,
making them ideal for a variety of applications where quick assembly is needed and space is at a premium.
TYPICAL THERMAL PERFORMANCE
FOR 634-15ABP
SLIM PROFILE UNIDIRECTIONAL FIN VERTICAL
MOUNT HEAT SINK
Dimensions: in. (mm)
Standard P/N
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
TO-5
Diodes
TO-220 and TO-218
1. Thermal compound is
assumed between device
and heat sink.
2. Tab temp with longer
heat sink (634-20ABP)
will typically be about
15% cooler. Tab temp
with shorter heat sink
(634- I0ABP) will typically
be about 25% higher.
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com