Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CM41 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CM41
Description  Conductivity Meter PCE-CM 41
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM41 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CM41 Datasheet HTML 1Page - PCE Instruments. PCE-CM41 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
 
Measurement range EC conductivity  
0...2000 µS/cm, 0...20 mS/cm
Resolution EC conductivity
1 µS/cm , 0.01 mS/cm
Accuracy EC conductivity
± 1 % of the measurement
range
 
 
Measurement range salinity TDS
0...2000 mg/l (ppm), 20000
mg/l (ppm)
Resolution salinity TDS
1 ppm (<1320 ppm),10
ppm(>1320 ppm)
Accuracy salinity TDS
±3 % of the measurement
range
 
 
Measurement temperature
0.0...+60 °C / 32 ... 140 °F
Resolution temperature
0.1 °C
Accuracy temperature
±0.8 °C
 
 
TDS
1 ppm (<1320 ppm) 10
ppm(>1320 ppm)
Calibration
1413 µS/cm
Operating conditions
0...+60 °C / 32 ... 140 °F / 80%
r.H.
Power supply
4 x 1.5 V batteries type AAA
(incl.)
Dimensions
186 x 40 mm (HxW)
Weight
130 g
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com