Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5196 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5196
Description  TOSHIBA Transistor Silicon NPN Triple Diffused Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5196 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5196 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5196 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5196 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5196 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5196
2006-11-10
3
Collector-emitter voltage VCE (V)
IC – VCE
IC – VBE
Collector current IC (A)
VCE (sat) – IC
hFE – IC
Base-emitter voltage VBE (V)
Collector-emitter voltage VCE (V)
Safe Operating Area
10
0
0
8
4
2
2
4
6
Common emitter
Tc = 25°C
150
100
40
20
IB = 10 mA
50
8
10
250
200
300
6
30
10
0
0
8
4
2
0.4
0.8
1.2
Common emitter
VCE = 5 V
25°C
−25°C
Tc = 100°C
1.6
2.0
6
Common emitter
IC/IB = 10
10
0.01
0.01
0.1
0.1
1
10
Tc = 100°C
Tc = −25°C
Tc = 25°C
1
Common emitter
VCE = 5 V
1000
1
0.01
10
0.1
1
10
Tc = 100°C
Tc = −25°C
Tc = 25°C
100
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
0.1
1
0.3
0.5
1
3
5
10
20
10
30
100
IC max (continuous)
IC max (pulsed)*
1 ms*
10 ms*
100 ms*
DC operation
Tc = 25°C
3
300
VCEO
max
Collector current IC (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com