Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

274-2ABE-01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 274-2ABE-01
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

274-2ABE-01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  274-2ABE-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers 274-2ABE-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
48
49
wakefield-vette.com
Contact us: (603) 635-2800
TAPE DETAILS
BOARD LEVEL
HEAT SINKS
BOARD LEVEL
HEAT SINKS
REEL DETAILS
Height Off Base Power Dissipation @ Thermal Resistance Package
Part Number Description Attachment Length Width (Height Of Fin) Temperature Rise @ Forced Air Flow Type
219-263A
TO-263 SMD Solderable
0.500"
1.020"
0.480"
2W @ 30°C
8°C/W @ 500 LFM
Bulk
HEAT SINK
Feet
(12.70mm) (25.91mm)
(12.19mm)
ANODZD
MECHANICAL DIMENSIONS
TAPE AND REEL INFORMATION
Innovation in SMT compatible heat sinks to meet the needs of newer higher power SMT semiconductors.
The 219 Series heat sinks unique design (Patent Pending) combines the technology of automatically
assembling the tin plated solderable wires/rods with that of extruded aluminum anodized heat sink body
to configure these SMT heat sinks. Rods/wires named "Rollers" are mated mechanically to the heat sink
body by forging to reduce the interface thermal resistance between the drains & heat dissipation body.
• Increased thermal performance up to 30% over bright copper heat sinks from improved
radiation of the black finish.
• Increased surface areas by 3 times therefore thermal performance up to 300% over the
aluminum stamped heat sinks on markets.
• Light weight aluminum construction allows faster pick and place assembly reducing the
manufacturing cycle time.
• Radius mounted “Rollers” are designed for maximizing heat transfer from component and to
avoid “bottle neck” heat transfer like the Aluminum stamped heat sinks.
• Available in bulk packaging or Tape & Reel.
FEATURES AND BENEFITS
219-263A HEAT SINK FOR TO-263 DEVICES
219 SERIES HEAT SINKS FOR TO-263 DEVICES
Height Off Base Power Dissipation @ Thermal Resistance Package
Part Number Description Attachment Length Width (Height Of Fin) Temperature Rise @ Forced Air Flow Type
219-263A-TR
TO-263 SMD Solderable
0.500"
1.020"
0.480"
2W @ 30°C
8°C/W @ 500 LFM
Tape & Reel
HEAT SINK
Feet
(12.70mm) (25.91mm)
(12.19mm)
ANODZD
Innovation in SMT compatible heat sinks to meet the needs of newer higher power SMT semiconductors.
The 219 Series heat sinks unique design (Patent Pending) combines the technology of automatically
assembling the tin plated solderable wires/rods with that of extruded aluminum anodized heat sink body
to configure these SMT heat sinks. Rods/wires named "Rollers" are mated mechanically to the heat sink
body by forging to reduce the interface thermal resistance between the drains & heat dissipation body.
• Increased thermal performance up to 30% over bright copper heat sinks from improved
radiation of the black finish.
• Increased surface areas by 3 times therefore thermal performance up to 300% over the
aluminum stamped heat sinks on markets.
• Light weight aluminum construction allows faster pick and place assembly reducing the
manufacturing cycle time.
• Radius mounted “Rollers” are designed for maximizing heat transfer from component and to
avoid “bottle neck” heat transfer like the Aluminum stamped heat sinks.
• Available in bulk packaging or Tape & Reel.
FEATURES AND BENEFITS
TAPE AND REEL INFORMATION
THERMAL RESISTANCE
MECHANICAL DIMENSIONS
219-263A-TR
HEAT SINK FOR TO-263 DEVICES
THERMAL RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com