Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ150 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 30CPQ150
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

30CPQ150 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  30CPQ150 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 30CPQ150 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier
30CPQ150
www.iscsemi.com
1
FEATURES
· Low forward voltage drop
· High frequency operation
APPLICATIONS
· Switching power supplies
· Converters
· Freewheeling diodes
· Reverse battery protection
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
150
V
IF(AV)
Average Rectified Forward Current
2*15
A
IFSM
Non-repetitive Peak Surge Current
tp = 5 µs sine
1000
A
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.1
℃
/W


Similar Part No. - 30CPQ150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CPQ150 IRF-30CPQ150 Datasheet
127Kb / 5P
SCHOTTKY RECTIFIER
30CPQ150 IRF-30CPQ150 Datasheet
197Kb / 6P
SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
Schottky Rectifier, 2 x 15 A
22-Aug-08
logo
Sangdest Microelectroni...
30CPQ150 SMC-30CPQ150 Datasheet
288Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
30CPQ150 SMCDIODE-30CPQ150 Datasheet
476Kb / 4P
30CPQ150 SCHOTTKY RECTIFIER
Rev. C
More results

Similar Description - 30CPQ150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com