Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE10M0G55-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # CSTCE10M0G55-R0
Description  Crystal Units/MEMS Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCE10M0G55-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  CSTCE10M0G55-R0_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CSTCE10M0G55-R0_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
CSTCE10M0G55-R0
Note: This datasheet may be out of date.
Please download the latest datasheet of CSTCE10M0G55-R0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=CSTCE10M0G55-R0
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated02/28/2024
Specifications
Product Type
Ceramic Resonator
(CERALOCK)
Series
CSTCE_G
Frequency
10.000MHz
Frequency Tolerance
+/-0.50% max.
Operating Temperature
Range
-20
℃~80℃
Frequency Shift by
Temperature
+/-0.20% max.
Frequency Aging
+/-0.10% max.
Resonant Impedance (R1)
40ohm max.
Built-in Load Capacitance
(CL1/CL2)
33pF
Shape
SMD
Wash
Not available
L x W (size)
3.2x1.3mm
Mass
11mg
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com