Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1171CT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF1171CT
Description  4-digit LCD car clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1171CT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF1171CT Datasheet HTML 6Page - NXP Semiconductors PCF1171CT Datasheet HTML 7Page - NXP Semiconductors PCF1171CT Datasheet HTML 8Page - NXP Semiconductors PCF1171CT Datasheet HTML 9Page - NXP Semiconductors PCF1171CT Datasheet HTML 10Page - NXP Semiconductors PCF1171CT Datasheet HTML 11Page - NXP Semiconductors PCF1171CT Datasheet HTML 12Page - NXP Semiconductors PCF1171CT Datasheet HTML 13Page - NXP Semiconductors PCF1171CT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1997 Apr 16
10
Philips Semiconductors
Product specification
4-digit LCD car clock
PCF1171C
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
Qy
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
0.3
0.1
2.45
2.25
0.25
0.42
0.30
0.22
0.14
15.6
15.2
7.6
7.5
0.762
12.3
11.8
1.15
1.05
0.6
0.3
7
0
o
o
0.1
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.4 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
1.7
1.5
SOT158-2
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
y
40
21
20
1
pin 1 index
0.012
0.004
0.096
0.089
0.017
0.012
0.0087
0.0055
0.61
0.60
0.30
0.29
0.03
2.25
0.089
0.48
0.46
0.045
0.041
0.024
0.012
0.004
0.2
0.008
0.004
0.067
0.059
0.010
Z (1)
0
5
10 mm
scale
92-11-17
95-01-24
VSO40: plastic very small outline package; 40 leads; face down
SOT158-2
A
max.
2.70
0.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com