Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1172C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF1172C
Description  31/2-digit LCD car clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1172C Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF1172C Datasheet HTML 1Page - NXP Semiconductors PCF1172C Datasheet HTML 2Page - NXP Semiconductors PCF1172C Datasheet HTML 3Page - NXP Semiconductors PCF1172C Datasheet HTML 4Page - NXP Semiconductors PCF1172C Datasheet HTML 5Page - NXP Semiconductors PCF1172C Datasheet HTML 6Page - NXP Semiconductors PCF1172C Datasheet HTML 7Page - NXP Semiconductors PCF1172C Datasheet HTML 8Page - NXP Semiconductors PCF1172C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Apr 16
2
Philips Semiconductors
Product specification
31/2-digit LCD car clock
PCF1172C
FEATURES
• Driving standard 31⁄2-digit LCD with AM and PM
indicators
• Internal voltage regulator for 5 V LCD
• Option for external stabilized voltage supply
• 4.19 MHz oscillator
• Integrated oscillator output capacitor and polarization
resistor
• Operating ambient temperature: −40 to +85 °C
• 40-lead plastic SMD, face down (VSO40).
GENERAL DESCRIPTION
The PCF1172C is a single chip, 4.19 MHz CMOS clock
circuit indicating hours and minutes. It is designed to drive
a 31
⁄2-digit liquid crystal display (LCD) with AM and PM
indicators.
Two external single-pole, single-throw switches will
accomplish all time setting functions. The circuit is
battery-operated via an internal 5 V voltage regulator or by
an external stabilized voltage supply.
ORDERING INFORMATION
Notes
1. See Fig.1 and Chapter “Package outline” for pin layout and package details.
2. See Chapter “Chip dimensions and bonding pad locations” for pad layout and package details.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF1172CT
VSO40
plastic very small outline package; 40 leads; face down(1)
SOT158-2
PCF1172CU
−
uncased chip in tray(2)
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com