Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS312DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ESDS312DBVR
Description  ESDS31x Data-Line Surge and ESD Protection Diode Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ESDS312DBVR Datasheet(HTML) 5 Page - Texas Instruments

  ESDS312DBVR Datasheet HTML 1Page - Texas Instruments ESDS312DBVR Datasheet HTML 2Page - Texas Instruments ESDS312DBVR Datasheet HTML 3Page - Texas Instruments ESDS312DBVR Datasheet HTML 4Page - Texas Instruments ESDS312DBVR Datasheet HTML 5Page - Texas Instruments ESDS312DBVR Datasheet HTML 6Page - Texas Instruments ESDS312DBVR Datasheet HTML 7Page - Texas Instruments ESDS312DBVR Datasheet HTML 8Page - Texas Instruments ESDS312DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5.5 Thermal Information (continued)
THERMAL METRIC (1)
ESDS311
ESDS312
ESDS314
UNIT
DYF (SOD323)
DBV (SOT-23)
DBV (SOT-23)
2 PINS
5 PINS
5 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.6 Electrical Characteristics
At TA = 25°C unless otherwise noted
PARAMETER
TEST CONDITIONS
Device
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO < 500nA, across operating
temperature range
3.6
V
ILEAKAGE
Leakage current at 3.6V
VIO = 3.6V, Any IO pin to GND
5
50
nA
VBRF
Breakdown voltage, IO to GND (1) IIO = 1mA
4.5
7.5
V
VFWD
Forward Voltage, GND to IO
IIO = 1mA
0.8
V
VHOLD
Holding Voltage, IO to GND (2)
IIO = 1mA
5
V
VCLAMP
Surge Clamping voltage, tp =
8/20µs
IPP = 1A, Any IO pin to GND
ESDS312/314
5
V
VCLAMP
IPP = 12A, Any IO pin to GND
ESDS311
6.3
V
ESDS312/314
5.6
VCLAMP
IPP = 25A, Any IO pin to GND
ESDS311
7.7
V
ESDS312/314
6.5
VCLAMP
IPP = 1A, GND to any IO pin
ESDS312/314
1
V
VCLAMP
IPP = 12A, GND to any IO pin
ESDS311
3
V
ESDS312/314
2.1
VCLAMP
IPP = 25A, GND to any IO pin
ESDS311
4.9
V
ESDS312/314
3.6
VCLAMP
TLP Clamping Voltage, tp =
100ns
IPP = 16A, Any IO pin to GND
ESDS311
6.5
V
ESDS312/314
5.5
VCLAMP
IPP = 16A, GND to any IO pin
ESDS311
3.4
V
ESDS312/314
2.2
CLINE
Line capacitance, Any IO to GND VIO = 0V, Vp-p = 30mV, f = 1MHz
4.5
5.5
pF
ΔCLINE
Variation of line capacitance
CLINE1 - CLINE2, VIO = 0V, Vp-p =
30mV, f = 1MHz
ESDS312/314
0.05
0.1
pF
CCROSS
Line-to-line capacitance
VIO = 0V, Vrms = 30mV, f = 1MHz ESDS312/314
2.25
2.75
pF
(1)
VBRF and VBRR are defined as the voltage obtained at 1mA when sweeping the voltage up, before the device latches into the snapback
state
(2)
VHOLD is defined as the voltage when 1mA is applied, after the device has successfully latched into the snapback state.
www.ti.com
ESDS311, ESDS312, ESDS314
SLVSEG9C – MAY 2018 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESDS311 ESDS312 ESDS314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com