Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSP540 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # ZSP540
Description  Highly Efficient Quad-MAC DSP Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

ZSP540 Datasheet(HTML) 2 Page - LSI Computer Systems

  ZSP540 Datasheet HTML 1Page - LSI Computer Systems ZSP540 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZSP540 Highly Efficient Quad-MAC DSP Core
ZSP540 QUAD-MAC DSP PROCESSING SOLUTION
LSI Logic ZSP cores are licensable and available as a fully synthesizable and
technology independent. The ZSP Cores have been proven in ASICs and are also
available as standard general-purpose DSP and Application Specific Standard
Products (ASSP) from LSI Logic and licensees of the ZSP cores.
The ZSP540 is power-efficient/high-performance Quad-MAC DSP core
implementation of the ZSP G2 architecture version and is software compatible
with all other ZSP cores enabling code reuse and effortless design migration
and scalability.
The ZSP540 features instruction grouping, instruction parallelism and pipeline control
all done by hardware making it seamless and easy to program. Highly optimized
C-Compilers are available minimizing the need for assembly level programming.
SOC INTEGRA TION SUPPOR T
•
ZSP cores are available as a synthesizable, fully static/single-phased design
•
AMBA/AHB (optional) or native ZSP bus interfaces are available
•
Co-verification and System modeling support available by various providers
A V AILABLE G2 SOFTW ARE DEVELOPMENT SOLUTIONS
•
Highly optimized development kits are available from LSI Logic and Green Hills
•
Multi-core ARM/ZSP support is available through Green Hill and ARM’s RealView
•
JTAG probes for single/multi-core support available from various providers
•
Embedded real-time trace and application profiling supported
•
ZOpen™ software development framework enables rapid integration and
reuse of software modules developed by different 3rd parties
A V AILABLE G2 HARDW ARE DEVELOPMENT SOLUTIONS
•
Architecture evaluation boards
•
Standalone FPGA prototyping boards
•
ARM Integrator core modules available
•
Multi-media audio/video development platform
•
Audio development platform
SOFTW ARE COMP A TIBLE ZSP CORES
For more information please call:
LSI Logic Corporation
Headquarters
1621 Barber Lane
Milpitas, CA 95035
Tel: 866.574.5741
(within U.S. and Canada)
1.408.954.3108
(outside U.S. and Canada)
Technical Support: 800.633.4545
Corporate Website
www.lsilogic.com
Sales Office Locations
www.lsilogic.com/contacts
Additional information on the
ZSP540 is available at:
http://www.zsp.com/zsp540.html
LSI Logic logo design, ZOpen and ZSP are
trademarks or registered trademarks of LSI
LogicCorporation. AMBA is a registered trademark
ofARM Ltd. All other brand and product names
maybe trademarks of their respective companies.
LSI Logic Corporation reserves the right to
makechanges to any products and services herein
at anytime without notice. LSI Logic does not
assume anyresponsibility or liability arising out of
theapplication or use of any product or
servicedescribed herein, except as expressly
agreed to inwriting by LSI Logic; nor does the
purchase, lease,or use of a product or service from
LSI Logicconvey a license under any patent
rights,copyrights, trademark rights, or any other of
theintellectual property rights of LSI Logic or of
thirdparties.
Copyright ©2004 by LSI Logic Corporation.
All rights reserved.
Order No. R20101
1004.LR.Web - Printed in USA
#MACs
Single
Dual
Dual
Quad
Quad
#ALUs
Dual
Dual
Triple
Six
Six
Inst./Cycle
2+1
4-issue
4-issue
4+1
6-issue
Max Freq (MHz@0.13u)
220
2 2 0
3 5 0
3 5 0
3 0 0
CORE
ZSP200
ZSP400
ZSP500
ZSP540
ZSP600



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com