Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1175C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF1175C
Description  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1175C Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF1175C Datasheet HTML 1Page - NXP Semiconductors PCF1175C Datasheet HTML 2Page - NXP Semiconductors PCF1175C Datasheet HTML 3Page - NXP Semiconductors PCF1175C Datasheet HTML 4Page - NXP Semiconductors PCF1175C Datasheet HTML 5Page - NXP Semiconductors PCF1175C Datasheet HTML 6Page - NXP Semiconductors PCF1175C Datasheet HTML 7Page - NXP Semiconductors PCF1175C Datasheet HTML 8Page - NXP Semiconductors PCF1175C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Apr 16
2
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1175C
FEATURES
• Internal voltage regulator is electrically programmable
for various LCD voltages
• Time calibration is electrically programmable
(no trimming capacitor required)
• LCD voltage adjusts with temperature for good contrast
• 4.19 MHz oscillator
• 12-hour or 24-hour mode
• Operating ambient temperature: −40 to +85 °C
• 28-lead plastic SMD (SO28)
• 1 Hz set mode.
GENERAL DESCRIPTION
The PCF1175C is a single chip, 4.19 MHz CMOS car clock
circuit providing hours, minutes and seconds functions.
It is designed to drive a 4-digit duplex liquid crystal display
(LCD).
Two external single-pole, single-throw switches will
accomplish all time setting functions. Time calibration and
voltage regulator are electrically programmable via an
on-chip EEPROM. The circuit is battery-operated via an
internal voltage regulator and an external resistor.
ORDERING INFORMATION
Notes
1. See Fig.1 and Chapter “Package outline” for pin layout and package details.
2. See Chapter “Chip dimensions and bonding pad locations” for pad layout and package details.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF1175CT
SO28
plastic small outline package; 28 leads; body width 7.5 mm(1)
SOT136-1
PCF1175CU
−
uncased chip in tray(2)
−
PCF1175CU/10
−
chip-on-film frame carrier (FFC)(2)
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com