Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8536SHO2V06S Datasheet(PDF) 3 Page - Schneider Electric

Part # 8536SHO2V06S
Description  NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 480 VAC coil, open
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8536SHO2V06S Datasheet(HTML) 3 Page - Schneider Electric

  8536SHO2V06S Datasheet HTML 1Page - Schneider Electric 8536SHO2V06S Datasheet HTML 2Page - Schneider Electric 8536SHO2V06S Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Sustainability
Green PremiumTM label
is Schneider Electric’s commitment to delivering products with best-in-
class environmental performance. Green Premium promises compliance with the latest regulations,
transparency on environmental impacts, as well as circular and low-CO2 products.
Guide to assessing product sustainability
is a white paper that clarifies global eco-label
standards and how to interpret environmental declarations.
Reach Regulation
REACh Declaration
Eu Rohs Directive
Not compliant
China Rohs Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
California Proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead
compounds, which is known to the State of California to cause cancer and birth
defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
Learn more about Green Premium 
Guide to assess a product’s sustainability 
Feb 27, 2024
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com