Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8536SHO2V06SH30 Datasheet(PDF) 1 Page - Schneider Electric

Part # 8536SHO2V06SH30
Description  NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8536SHO2V06SH30 Datasheet(HTML) 1 Page - Schneider Electric

  8536SHO2V06SH30 Datasheet HTML 1Page - Schneider Electric 8536SHO2V06SH30 Datasheet HTML 2Page - Schneider Electric 8536SHO2V06SH30 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEMA Motor Starter, Type S,
nonreversing, Size 6, 540A, 400
HP at 460 VAC, up to 100 kA
SCCR, 3 phase, 3 pole, Motor
Logic, 480 VAC coil, open
8536SHO2V06SH30
Product availability: Non-Stock - Not normally stocked in
distribution facility
Main
Product Type
Motor starter
Product Range
S
Starter Type
Non reversing
Complementary
Nema Size
6
Rated Current
540 A
Number Of Poles
3P
Maximum Voltage Rating
600 V AC
Phase
3 phase
Type Of Overload
Solid state Motor Logic class 10/20
Horsepower Rating
150 HP 200 V AC
200 HP 230 V AC
400 HP 460 V AC
400 HP 575 V AC
Sccr
Circuit-breaker 800 A maximum: 65 kA at 480 V AC
Fuse J 600 A maximum: 100 kA at 600 V AC
Fuse T 600 A maximum: 100 kA at 600 V AC
Fuse RK1 600 A maximum: 100 kA at 600 V AC
Fuse RK5 600 A maximum: 100 kA at 600 V AC
Coil Voltage
440 V AC 50 Hz
480 V AC 60 Hz
Control Circuit Type
Control circuit transformer
Control Units
No control units
Pilot Light
Without pilot light
Auxiliary Contacts
Without
Other Equipment
2 fuses (primary), 2 fuses (secondary)
Terminal Type
Screw clamp terminals
Height
28.06 in (712.72 mm)
Width
12.34 in (313.44 mm)
Depth
9.00 in (228.60 mm)
Environment
Product data sheet
Specifications
Feb 27, 2024
1
Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.


Similar Part No. - 8536SHO2V06SH30

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SHO2V06S SCHNEIDER-8536SHO2V06S Datasheet
70Kb / 3P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 480 VAC coil, open
Feb 27, 2024
More results

Similar Description - 8536SHO2V06SH30

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SBO2V06H30 SCHNEIDER-8536SBO2V06H30 Datasheet
158Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 0, 18A, 5 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Jul 4, 2022
8536SEO1V06H30 SCHNEIDER-8536SEO1V06H30 Datasheet
158Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Jul 4, 2022
8536SBO2V06H309 SCHNEIDER-8536SBO2V06H309 Datasheet
152Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 0, 18A, 5 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Jul 13, 2022
8536SDO1V06H30S SCHNEIDER-8536SDO1V06H30S Datasheet
129Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 2, 45A, 25 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Jul 13, 2022
8536SAO12V06H308 SCHNEIDER-8536SAO12V06H308 Datasheet
143Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 00, 9A, 2 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Jul 20, 2022
8536SCO3V06H31 SCHNEIDER-8536SCO3V06H31 Datasheet
150Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Jul 21, 2022
8536SHO2V02H30S SCHNEIDER-8536SHO2V02H30S Datasheet
119Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Jul 13, 2022
8536SHO2V03H30 SCHNEIDER-8536SHO2V03H30 Datasheet
118Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 240 VAC coil, open
Aug 23, 2022
8536SHO2V06 SCHNEIDER-8536SHO2V06 Datasheet
117Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 480 VAC coil, open
Aug 23, 2022
8536SHO2V06H30 SCHNEIDER-8536SHO2V06H30 Datasheet
119Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Aug 23, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com